Electronic Components Datasheet Search
  English  ▼

X  

EM65567 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM65567
Description  66 COM/ 96 SEG 256 Color STN LCD Driver
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65567 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM65567 Datasheet HTML 9Page - ELAN Microelectronics Corp EM65567 Datasheet HTML 10Page - ELAN Microelectronics Corp EM65567 Datasheet HTML 11Page - ELAN Microelectronics Corp EM65567 Datasheet HTML 12Page - ELAN Microelectronics Corp EM65567 Datasheet HTML 13Page - ELAN Microelectronics Corp EM65567 Datasheet HTML 14Page - ELAN Microelectronics Corp EM65567 Datasheet HTML 15Page - ELAN Microelectronics Corp EM65567 Datasheet HTML 16Page - ELAN Microelectronics Corp EM65567 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Preliminary
EM65567
66 COM/ 96 SEG 256 Color STN LCD Driver
* This specification is subject to be changed without notice.
2003/1/9 (V0.1)
13
5.
Functional block diagram
5.1 System Block Diagram
Segment Driver
Data Latch
----
----------
Common Driver
Gradation Selection Circuit
Pixel Display RAM
(PG RAM)
96 X 2 X (3+3+2) bits
Alternation Circuit
X Address Counter
X Address Register
X Address Decoder
Register Read
Display RAM
(DDRAM)
96 X 64 X (3+3+2) bits
Shift Register
P/S
Display T iming Gen.
OSC
Instruction Decoder
Bus Holder
CSB
RS
MPU Interface
M/S RDB
(E)
WRB
(R/W B)
M86 RESB TEST
CK CKS CLK
LP FLM
M
VDD
V0
V1
V2
V3
V4
VSS
(VSSH,VSSL)
CAP1-
CAP1+
CAP2-
CAP2+
CAP3-
CAP3+
VOUT
VEE
VREF
VREG
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D1/SDA
D0/SCL
RAM Interface
D4
D3
D2
Static Driver
Data Latch
Figure 2. System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com