Electronic Components Datasheet Search
  English  ▼

X  

MAMXES0118 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMXES0118
Description  E-Series Surface Mount Mixer 925 - 960 MHz & 1805 - 1880
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0118 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMXES0118 Datasheet HTML 1Page - Tyco Electronics MAMXES0118 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RoHS
Compliant
E-Series Surface Mount Mixer
925 – 960 MHz & 1805 – 1880
MAMXES0118
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
Pin Configuration
Pin No.
Function
1
LO I/P
2
Ground
3
Ground
4
RF O/P
5
IF I/P
6
Ground
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Max RF Power
50 mW
Peak IF Current
40 mA
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +125°C
Pin Temperature (10 sec-
onds)
260° C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Isolation
LO to RF
95 & 45
dB
25
35
55
Isolation
LO to IF
95 & 45
dB
25
30
40
Input 1 dB Compression
—
5 - 2500
dBm
—
—
7
RF VSWR
—
—
Ratio
1.3:1
2.4:1
3.0:1
LO VSWR
—
—
Ratio
1.4:1
1.6:1
1.8:1
IF VSWR
—
—
Ratio
1.1:1
1.4:1
1.8:1
Electrical Specifications: @ -55°C — +100°C, Z0 = 50 Ohms, LO = +7dBm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com