Electronic Components Datasheet Search
  English  ▼

X  

200000232 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 200000232
Description  Actuator and Sensor Cordset – Extension Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

200000232 Datasheet(HTML) 1 Page - Turck, Inc.

  200000232 Datasheet HTML 1Page - Turck, Inc. 200000232 Datasheet HTML 2Page - Turck, Inc. 200000232 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|3
EKWT-ESWT-A4.400-GU2K-2
Actuator and Sensor Cordset – Extension Cable
Technical data
Type
EKWT-ESWT-A4.400-GU2K-2
ID
200000232
Replaces
WK 4.4T-x/S90
Connector A
Female, M12 × 1, Right angle, A-code
Design specification
Acc. to IEC 61076-2-101
Number of contacts
4
Contacts
Bronze, CuSn, Gold-plated
Contact carriers
Plastic, Nylon or TPU, Black
Connector body
Plastic, TPU, Black
Coupling nut
Brass, CuZn, Nickel-plated
Connector seal
O-ring, Plastic, FKM/FPM
Torque sleeve
Plastic, PA, Yellow
Tightening torque (range)
0.4 … 1.8 Nm
(note max. torque of mating connector!)
Mechanical life
> 100 Mating cycles
Pollution degree
3
Protection class (When coupled)
IP67, IP68, IP69, IP69K
NEMA: 1, 3, 4, 6P, 12
Connector B
Male, M12 × 1, Right angle, A-code
Design specification
Acc. to IEC 61076-2-101
Number of contacts
4
Contacts
Bronze, CuSn, Gold-plated
Contact carriers
Plastic, Nylon or TPU, Black
Connector body
Plastic, TPU, Black
Coupling nut
Brass, CuZn, Nickel-plated
Features
■M12, Female, Right angle, 4-pin, Torque
sleeve
■M12, Male, Right-angle, 4-pin, Torque
sleeve
■General Purpose Cable
■TPU jacket, Black, 4X22 AWG
■Flame Ratings: UL1061, CSA FT1
■Flexlife® and C-Track Approved
Cable cross section
Contact assignment


Similar Part No. - 200000232

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
200000218 TURCK-200000218 Datasheet
1Mb / 3P
Actuator and Sensor Cordset – Extension Cable
07/03/2023
More results

Similar Description - 200000232

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1437326 PHOENIX-1437326 Datasheet
122Kb / 4P
Sensor/Actuator cable
logo
Assmann Electronics Inc...
AK528-5-R ASSMANN-AK528-5-R Datasheet
251Kb / 1P
PS2 EXTENSION CABLE
logo
PHOENIX CONTACT
1544882 PHOENIX-1544882 Datasheet
41Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/BI
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
UDB-CABLE-2M PF-UDB-CABLE-2M Datasheet
464Kb / 1P
Extension cable
UC-30GM-PROG PF-UC-30GM-PROG Datasheet
412Kb / 2P
Extension cable
CBL-IDMX6X-DB-J1-S-S30-N0 PF-CBL-IDMX6X-DB-J1-S-S30-N0 Datasheet
379Kb / 1P
Serial extension cable
CBL-IDMX6X-DB-J1-S-S60-N0 PF-CBL-IDMX6X-DB-J1-S-S60-N0 Datasheet
379Kb / 1P
Serial extension cable
logo
PHOENIX CONTACT
1403603 PHOENIX-1403603 Datasheet
264Kb / 3P
Sensor/actuator cable
Oct 23, 2023,
logo
Omega Engineering, Inc.
4KX20PP OMEGA-4KX20PP Datasheet
9Mb / 1P
Multipair Extension Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com