Electronic Components Datasheet Search
  English  ▼

X  

69010 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 69010
Description  Actuator and Sensor Cable – Extension Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

69010 Datasheet(HTML) 2 Page - Turck, Inc.

  69010 Datasheet HTML 1Page - Turck, Inc. 69010 Datasheet HTML 2Page - Turck, Inc. 69010 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|3
Technical data
Mechanical life
> 100 Mating cycles
Pollution degree
3
Protection class (When coupled)
IP68, IP69K
NEMA: 1, 3, 4, 6P
Cable data
 
Cable ID
RF50516
Total number of conductors
4
Cable diameter
Ø 5.33 mm
Cable jacket
PVC, Gray
Conductor diameter
0.054 "
Conductor material
TC (tinned copper)
Conductor insulation material
PVC
Conductor size
4 x 22 AWG [Similar to 0.34 mm²]
Number of strands x O.D.
19 x 0.0058 "
Conductor colors
BN, WH, BU, BK
Electrical properties at +20 °C
 
Rated voltage
250 V
Current
4 A
Mechanical and chemical properties  
Bending radius (static)
≥ 5 x Ø
Bending radius (dynamic)
≥ 10 x Ø
UL cold bend rating
-40 °C
Flex rating 20 x Ø
10 million cycles*
*When properly installed @ 20°C,
50%RH, and a cycle speed of ≤0.5 cycles
per second.
C-Track
Yes
Ambient temperature range (static)
-40…+105 °C
Ambient temperature range (dynamic)
5…+105 °C
Temperature range (installation)
-10…+105  °C
Approval
 
Approvals
UL 2238
CSA C22.2 No. 182.3
CE
UKCA
RoHS
Note
 
- Flex ratings may be reduced if used
in extreme temperatures, exposure to
certain chemicals, operating above the
rated cycle speed, or operating below the
rated cable bend radius.
Contact assignment
Connector A
Connector B
Circuit Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com