Electronic Components Datasheet Search
  English  ▼

X  

MASW-007656 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW-007656
Description  GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-007656 Datasheet(HTML) 1 Page - Tyco Electronics

  MASW-007656 Datasheet HTML 1Page - Tyco Electronics MASW-007656 Datasheet HTML 2Page - Tyco Electronics MASW-007656 Datasheet HTML 3Page - Tyco Electronics MASW-007656 Datasheet HTML 4Page - Tyco Electronics MASW-007656 Datasheet HTML 5Page - Tyco Electronics MASW-007656 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
MASW-007656
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
1
RoHS
Compliant
Features
• 802.11a + b/g Dual Band Applications
• Broadband Performance: DC - 6.0 GHz
• Low Insertion Loss: 0.75 dB @ 2.4 GHz
1.2 dB @ 5.3 GHz
• High Isolation: 43 dB @ 2.4 GHz
27 dB @ 5.3 GHz
• Fast Switching Speed: 0.5 µm GaAs PHEMT
• Lead-Free 3 mm 12-lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
Description
M/A-COM’s MASW-007656 is a broadband GaAs
PHEMT MMIC diversity switch available in a low
cost, lead-free 3 mm 12-lead PQFN package. The
MASW-007656 is ideally suited for applications
where very small size and low cost are required.
Typical applications are for WLAN IEEE 802.11a
and 802.11b/g systems that employ two antennas
for transmit and receive diversity. Other applications
include
cordless
phones
and
base
stations.
Designed
for
high
power,
this
DPDT
switch
maintains high linearity up to 6.0 GHz.
The MASW-007656 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Ordering Information
1
Part Number
Package
MASW-007656-TR3000
3000 piece reel
MASW-007656-000SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Functional Schematic
Pin No.
Pin Name
Description
1
GND
Ground
2
GND
Ground
3
VC1
Control 1
4
ANT1
Antenna Port 1
5
GND
Ground
6
ANT2
Antenna Port 2
7
VC2
Control 2
8
GND
Ground
9
GND
Ground
10
Rx
Receive Port
11
GND
Ground
12
Tx
Transmit Port
13
Paddle
2
RF and DC Ground
Pin Configuration
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
GND
GND
GND
GND
GND
GND
GND
Vc2
Vc1
GND
GND
GND
GND
GND
GND
GND
GND
Vc2
Vc1
GND
Pin 1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
This PRELIMINARY Data Sheet contains information regarding a product M/A-COM has under development. Performance is based on
measured results and target specifications. Commitment to produce in volume is not guaranteed.


Similar Part No. - MASW-007656

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
MASW-007070-0001TB MACOM-MASW-007070-0001TB Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MASW-007070-0001TB MA-COM-MASW-007070-0001TB Datasheet
154Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
MASW-007070-0001TR MACOM-MASW-007070-0001TR Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
More results

Similar Description - MASW-007656

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0094 MACOM-MASWSS0094 Datasheet
141Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MACOM-MASWSS0107 Datasheet
185Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com