Electronic Components Datasheet Search
  English  ▼

X  

TPB14LEDA Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # TPB14LEDA
Description  230V IP44 14W LED Bulkhead with Sensor/Dimming Function 6000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

TPB14LEDA Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  TPB14LEDA Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. TPB14LEDA Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
TPB14LEDA
DESCRIPTION
230V IP44 14W LED Bulkhead with Sensor/Dimming Function
6000K
FINISH
White
DIFFUSER
Opal
DIMENSIONS (MM)
Diameter - 330
Projection - 110
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP44
WATTAGE (W)
14
LAMP TECHNOLOGY
SMD LED
LAMP INCLUDED
Yes
LUMENS (LM)
1070
LUMENS LIGHT SOURCE ONLY (LM)
1490
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
74.8
CIRCUIT WATTAGE (W)
14.3
CCT
6000K
LIGHT COLOUR
Daylight
CRI
>80
RUNNING CURRENT (A)
0.065
DISPLACEMENT FACTOR
>0.9
SVM
0.001
PST-LM
0.03
BEAM ANGLE (DEGREES)
105
LIFE SPAN (HRS)
30,000
L70B50 LIFESPAN (HRS)
72,000
DIMMABLE
No
OPERATING TEMPERATURE
-20~50°C
www.mlaccessories.co.uk
TPB14LEDA
230V IP44 14W LED Bulkhead with Sensor/Dimming
Function 6000K
14
kWh/1000h
KNIGHTSBRIDGE
TPB14LEDA
A
B
C
D
E
F
G
F
14
kWh/1000h
KNIGHTSBRIDGE
TPB14LEDA
A
B
C
D
E
F
G
F


Similar Part No. - TPB14LEDA

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
TPB14LED KNIGHTSBRIDGE-TPB14LED Datasheet
187Kb / 2P
230V IP44 14W LED Bulkhead Fitting 6000K
11/06/2024
More results

Similar Description - TPB14LEDA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
63-Bit Triplex Controller/Driver with Digital Dimming Function
logo
List of Unclassifed Man...
CXA-0317 ETC-CXA-0317 Datasheet
116Kb / 3P
CXA-0317 (18W QUAD OUTPUTS WITH DIMMING FUNCTION)
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Sep-2004
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
Jun-2003
logo
Unisonic Technologies
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
Mean Well Enterprises C...
SDP-001 MEANWELL-SDP-001 Datasheet
568Kb / 1P
For MEAN WELL LED driver with Smart Timer Dimming function
logo
Unisonic Technologies
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
Shenzhen Huazhimei Semi...
HM6001 HMSEMI-HM6001 Datasheet
447Kb / 7P
Touch table lamp controller with stepless dimming function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com