Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0068TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0068TR
Description  SPDT High Isolation CATV Switch 5 - 1000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0068TR Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0068TR Datasheet HTML 1Page - Tyco Electronics MASWSS0068TR Datasheet HTML 2Page - Tyco Electronics MASWSS0068TR Datasheet HTML 3Page - Tyco Electronics MASWSS0068TR Datasheet HTML 4Page - Tyco Electronics MASWSS0068TR Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• 75 Ohm Impedance
• Positive Voltage Control (0 / +5 V)
• Low Insertion Loss: 0.60 dB at 870 MHz
• High Isolation: 51 dB at 870 MHz
• 4 mm FQFP-N 20 Lead Package
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0068 is a GaAs PHEMT
MMIC single pole double throw (SPDT) switch in a
low cost 4 mm FQFP-N 20 lead package. The
MASWSS0068 is ideally suited for applications
where low control voltage, low insertion loss, high
isolation, small size and low cost are required.
Typical applications are to replace mechanical
relays in CATV systems. This part can be used in
all 75 ohm systems operating up to 1.0 GHz.
The MASWSS0068 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
SPDT High Isolation CATV Switch
5 - 1000 MHz
Functional Schematic
MASWSS0068
V1
Ordering Information 1
Part Number
Package
MASWSS0068
FQFP-N 20 Lead Plastic Package
MASWSS0068TR
7 inch, 1000 piece reel
MASWSS0068TR-3000 13 inch, 3000 piece reel
MASWSS0068SMB
Sample Test Board
(Includes 5 Samples)
GND
GND
RF1
GND
GT1
GND
GND
G1
V1
GND RFC GND
V2
G2
GND
GND
GND
RF2
GT2
GND
GND
GND
RF1
GND
GT1
GND
GND
G1
V1
GND RFC GND
V2
G2
GND
GND
GND
RF2
GT2
GND
Parameter
Absolute Maximum
Max Input Power
(5 - 1000 MHz, 5 V Control)
+32 dBm
Operating Voltage
±8.5 volts
Operating Temperature
-40 oC to +85 oC
Storage Temperature
-65 oC to +150 oC
Absolute Maximum Ratings 2
2. Exceeding any one or combination of these limits may
cause permanent damage to this device.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
1
1. Reference Application Note M513 for reel size
information.
Truth Table 3,4
3. External 0.01 µF DC blocking capacitors are
required on all RF In/Out and RF Ground ports.
4. 0 = 0 V + 0.2 V; 1 = +2.5 V to +5 V.
V1
V2
RFC - RF1
RFC - RF2
1
0
On
Off
0
1
Off
On


Similar Part No. - MASWSS0068TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0068TR MA-COM-MASWSS0068TR Datasheet
98Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068TR-3000 MA-COM-MASWSS0068TR-3000 Datasheet
98Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
More results

Similar Description - MASWSS0068TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MACOM-MASWSS0067 Datasheet
114Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MA-COM-MASWSS0068 Datasheet
98Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com