Electronic Components Datasheet Search
  English  ▼

X  

PLVA656A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLVA656A
Description  Low-voltage avalanche regulator diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLVA656A Datasheet(HTML) 2 Page - NXP Semiconductors

  PLVA656A Datasheet HTML 1Page - NXP Semiconductors PLVA656A Datasheet HTML 2Page - NXP Semiconductors PLVA656A Datasheet HTML 3Page - NXP Semiconductors PLVA656A Datasheet HTML 4Page - NXP Semiconductors PLVA656A Datasheet HTML 5Page - NXP Semiconductors PLVA656A Datasheet HTML 6Page - NXP Semiconductors PLVA656A Datasheet HTML 7Page - NXP Semiconductors PLVA656A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 25
2
Philips Semiconductors
Product specification
Low-voltage avalanche regulator diodes
PLVA600A series
FEATURES
• Very low dynamic impedance at
low currents: approximately 1
⁄20 of
conventional series
• Hard breakdown knee
• Low noise: approximately 1⁄10 of
conventional series
• Total power dissipation:
max. 250 mW
• Small tolerances of VZ
• Working voltage range:
nom. 5.0 to 6.8 V
• Non-repetitive peak reverse power
dissipation: max. 30 W.
APPLICATIONS
• Low current, low power, low noise
applications
• CMOS RAM back-up circuits
• Voltage stabilizers
• Voltage limiters
• Smoke detector relays.
DESCRIPTION
High performance voltage regulator
diodes in small SOT23 plastic SMD
packages.
The series consists of PLVA650A to
PLVA668A.
PINNING
PIN
DESCRIPTION
1
anode
2
not connected
3
cathode
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
MAM243
2
n.c.
1
3
21
3
Top view
MARKING
Note
1.
∗ = p: Made in Hong Kong.
∗ = t: Made in Malaysia.
TYPE NUMBER
MARKING CODE(1)
PLVA650A
∗9A
PLVA653A
∗9B
PLVA656A
∗9C
PLVA659A
∗9D
PLVA662A
∗9E
PLVA665A
∗9F
PLVA668A
∗9G
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed circuit-board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
−
250
mA
IZRM
repetitive peak working current
tp = 100 µs; δ = 10%
250
mA
PZSM
non-repetitive peak reverse power dissipation tp = 100 µs; Tj = 150 °C30
W
Ptot
total power dissipation
Tamb =25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com