Electronic Components Datasheet Search
  English  ▼

X  

PLVA462A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PLVA462A
Description  Low-voltage avalanche regulator diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLVA462A Datasheet(HTML) 3 Page - NXP Semiconductors

  PLVA462A Datasheet HTML 1Page - NXP Semiconductors PLVA462A Datasheet HTML 2Page - NXP Semiconductors PLVA462A Datasheet HTML 3Page - NXP Semiconductors PLVA462A Datasheet HTML 4Page - NXP Semiconductors PLVA462A Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 Apr 26
3
Philips Semiconductors
Product specification
Low-voltage avalanche regulator diodes
PLVA400A series
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF =10mA
−−
0.9
V
VZ
working voltage
IZ = 250 µA
PLVA450A
4.80
5.00
5.20
V
PLVA453A
5.10
5.30
5.50
V
PLVA456A
5.40
5.60
5.80
V
PLVA459A
5.70
5.90
6.10
V
PLVA462A
6.00
6.20
6.40
V
PLVA465A
6.30
6.50
6.70
V
PLVA468A
6.60
6.80
7.00
V
VZ
working voltage
IZ =10 µA
PLVA450A
−
4.30
−
V
PLVA453A
−
5.20
−
V
PLVA456A
−
5.51
−
V
PLVA459A
−
5.85
−
V
PLVA462A
−
6.19
−
V
PLVA465A
−
6.49
−
V
PLVA468A
−
6.80
−
V
RZ
dynamic resistance
1 kHz superimposed;
IZAC is 10% of IZDC; IZ = 250 µA
PLVA450A
−−
700
Ω
PLVA453A
−−
250
Ω
PLVA456A to PLVA468A
−−
100
Ω
SZ
temperature coefficient
IZ = 250 µA
PLVA450A
−
0.20
−
mV/K
PLVA453A
−
1.60
−
mV/K
PLVA456A
−
1.90
−
mV/K
PLVA459A
−
2.40
−
mV/K
PLVA462A
−
2.65
−
mV/K
PLVA465A
−
2.90
−
mV/K
PLVA468A
−
3.40
−
mV/K
IR
reverse current
VR = 80% VZ nominal
PLVA450A
−−
20000
nA
PLVA453A
−−
5000
nA
PLVA456A
−−
1000
nA
PLVA459A
−−
500
nA
PLVA462A
−−
100
nA
PLVA465A
−−
50
nA
PLVA468A
−−
10
nA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com