Electronic Components Datasheet Search
  English  ▼

X  

43-10127 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 43-10127
Description  Male connector M12x1 axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

43-10127 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  43-10127 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
dim. in mm
R
drawn
THIS DRAWING MAY NOT BE COPIED OR REPRODUCED IN ANY WAY, AND
MAY NOT BE PASSED ON TO A THIRD PARTY WITHOUT WRITTEN PERMISSION.
OWNERSHIP AND COPYRIGHT OF CONEC GmbH
appd.
tolerance of cable:
title:
dwg no:
part no:
name
date
43K1A068
Mankopf
12.03.07
12.03.07
Fromm
L <= 4m: L + 40mm
L > 4m: L + 1%
Male connector M12x1 axial
see table
Index: b 25.08.14 rbo Ä5317
Data sheet modified
general tolerance:
0
0,0
0,00
± 0,50mm
± 0,25mm
± 0,10mm
A
Description:
Cable:
Part no:
PVC,
grey, 5x0,34mm²
Cable: 781-A13500
Length L:
43-10124
43-xxxxx
43-10125
43-10126
43-10127
SAL - 12 - RS5 - 2 / A1
SAL - 12 - RS5 - 3 / A1
SAL - 12 - RS5 - 5 / A1
SAL - 12 - RS5 - 10 / A1
SAL - 12 - RS5 - ... / A1
2m
10m
5m
3m
x
Technical specification:
Rated voltage:
IEC 61076-2-101
Current rating:
IEC 61076-2-101
Insulation resistance:
IEC 60512
Pollution degree:
IEC 60664-1
Degree of protection:
IEC 60529
Temperature range:
Mating cycles:
IEC 60512-9a
60 V
4 A at 40°C
>=100 M
Ö
3/2
IP 67, in mated
condition
-30°C ... +80°C
>=100
Materials:
Contact:
Contact plating:
Contact carrier:
Coupling screw:
Moulding body:
CuZn
Nickel, gold plated
PA, UL 94
GD-Zn, nickel plated
TPU, UL 94, grey
Installation specification:
Recommended
torque:
Conec
installation tool:
0,6 Nm
Torque wrench:
36-000200
Insert across flats 13:
36-000220
D see data sheet cable
Width across
flats 13
n14,5
12
M x1
n11
3
2
5
1
4
brown
white
blue
black
green-yellow
Contact assignment:
1
2
3
4
5
D


Similar Part No. - 43-10127

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-10120 CONEC-43-10120 Datasheet
597Kb / 1P
Male connector M12x1 axial
14.03.07
43-10121 CONEC-43-10121 Datasheet
597Kb / 1P
Male connector M12x1 axial
14.03.07
43-10122 CONEC-43-10122 Datasheet
597Kb / 1P
Male connector M12x1 axial
14.03.07
43-10123 CONEC-43-10123 Datasheet
597Kb / 1P
Male connector M12x1 axial
14.03.07
More results

Similar Description - 43-10127

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-00091 CONEC-43-00091 Datasheet
148Kb / 1P
Female connector M12x1, field attachable, axial, screw connection
43-00095 CONEC-43-00095 Datasheet
150Kb / 1P
Female connector M12x1, field attachable, angled, screw connection
43-00099 CONEC-43-00099 Datasheet
140Kb / 1P
Male connector M12x1, field attachable, axial, screw connection
43-00103 CONEC-43-00103 Datasheet
141Kb / 1P
Male connector M12x1 field attachable, angled, screw connection
43-00096 CONEC-43-00096_09 Datasheet
278Kb / 1P
Female connector M12x1, field attachable, angled, screw connection
43K1A835 CONEC-43K1A835 Datasheet
278Kb / 1P
Female connector M12x1, field attachable, angled, screw connection
43K1A837 CONEC-43K1A837 Datasheet
264Kb / 1P
Male connector M12x1, field attachable, angled, screw connection
logo
ERNI Electronics
225534 ERNI-225534 Datasheet
35Kb / 1P
Schutzkappe M12x1
logo
Molex Electronics Ltd.
1200110017 MOLEX-1200110017 Datasheet
24Kb / 1P
Micro-Change (M12) Receptacle, 4 Poles, M12x1 and M14x1 Threads, Male
1200110035 MOLEX-1200110035 Datasheet
24Kb / 1P
Micro-Change (M12) Receptacle, 5 Poles, M12x1 and M14x1 Threads, Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com