Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0148 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0148
Description  GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0148 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0148 Datasheet HTML 1Page - Tyco Electronics MASWSS0148 Datasheet HTML 2Page - Tyco Electronics MASWSS0148 Datasheet HTML 3Page - Tyco Electronics MASWSS0148 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPST High Isolation Terminated Switch
0.3 - 4.0 GHz
MASWSS0148
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• High Isolation: 55 dB @ 2 GHz
• Insertion Loss: 1.6 dB @ 2 GHz
• Terminated RF Input in Isolation State
• Single Positive Control
• CMOS Compatible Logic
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0148 is a GaAs monolithic
single pole single throw (SPST) terminated switch in
a lead-free 3 mm 12-lead PQFN plastic package.
The MASWSS0148 is ideally suited for use where
low power consumption, small size and high
isolation are required.
Typical applications include PCS and GSM LO
switching, switch matrices and switched filter banks
in systems such as radio and cellular equipment.
The MASWSS0148 is fabricated using a mature
1-micron gate length GaAs MESFET process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information
Part Number
Package
MASWSS0148TR-3000
3000 piece reel
MASWSS0148SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
No Connection
7
No Connection
2
No Connection
8
No Connection
3
No Connection
9
VCTRL
4
No Connection
10
No Connection
5
RF Output
11
RF Input
6
No Connection
12
No Connection
13
Paddle2
2.
The exposed pad centered on the package bottom must be
connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power
23 dBm (VDD = VCTRL = 5 V)
Operating Voltage (VDD, VCTRL)
8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
Schematic with Off-Chip Components1
1.
VDD can be injected at either pin 5 or pin 11.
50
Ω
1
RFin
RFout
V
CTRL
10 K
Ω
C
Block
C
Block
C
Bypass
V
DD


Similar Part No. - MASWSS0148

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASWSS0148SMB MA-COM-MASWSS0148SMB Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
MASWSS0148SMB MA-COM-MASWSS0148SMB Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
MASWSS0148TR-3000 MA-COM-MASWSS0148TR-3000 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
More results

Similar Description - MASWSS0148

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
MASW-010351 ETC1-MASW-010351 Datasheet
185Kb / 5P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASWSS0148 MA-COM-MASWSS0148_15 Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
logo
Skyworks Solutions Inc.
SKY13347-360LF SKYWORKS-SKY13347-360LF Datasheet
845Kb / 9P
0.5 to 4.0 GHz SPST Switch, 50 Terminated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com