Electronic Components Datasheet Search
  English  ▼

X  

PLVA2650 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLVA2650
Description  Low-voltage avalanche regulator double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLVA2650 Datasheet(HTML) 2 Page - NXP Semiconductors

  PLVA2650 Datasheet HTML 1Page - NXP Semiconductors PLVA2650 Datasheet HTML 2Page - NXP Semiconductors PLVA2650 Datasheet HTML 3Page - NXP Semiconductors PLVA2650 Datasheet HTML 4Page - NXP Semiconductors PLVA2650 Datasheet HTML 5Page - NXP Semiconductors PLVA2650 Datasheet HTML 6Page - NXP Semiconductors PLVA2650 Datasheet HTML 7Page - NXP Semiconductors PLVA2650 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 10
2
Philips Semiconductors
Product specification
Low-voltage avalanche regulator double
diodes
PLVA2600A series
FEATURES
• Very low dynamic impedance at
low currents: approximately 1
⁄20 of
conventional series
• Hard breakdown knee
• Low noise: approximately 1⁄10 of
conventional series
• Total power dissipation:
max. 250 mW
• Small tolerances of VZ
• Working voltage range:
nom. 5.0 to 6.8 V
• Non-repetitive peak reverse power
dissipation: max. 30 W.
APPLICATIONS
• Low current, low power, low noise
applications
• CMOS RAM back-up circuits
• Voltage stabilizers
• Voltage limiters
• Smoke detector relays.
DESCRIPTION
The PLVA2600A series consists of
two high performance voltage
regulator diodes with common
anodes, in small SOT23 plastic SMD
packages.
The series consists of PLVA2650A to
PLVA2668A.
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
PINNING
TYPE NUMBER
MARKING CODE(1)
PLVA2650A
∗9J
PLVA2653A
∗9K
PLVA2656A
∗9L
PLVA2659A
∗9M
PLVA2662A
∗9N
PLVA2665A
∗9O
PLVA2668A
∗9P
PIN
DESCRIPTION
1
cathode (k1)
2
cathode (k2)
3
common anode
Fig.1 Simplified outline (SOT23) and symbol.
21
3
MAM245
Top view
21
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com