Electronic Components Datasheet Search
  English  ▼

X  

MASYML0007 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASYML0007
Description  Low Phase Noise Phase Locked Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASYML0007 Datasheet(HTML) 1 Page - Tyco Electronics

  MASYML0007 Datasheet HTML 1Page - Tyco Electronics MASYML0007 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Phase Noise
Phase Locked Oscillator
V 1.00
1
Features
n
Low Phase noise
n
Ceramic resonator
n
Fixed frequency applications
n
High Reliability
n
Hermetic Package
Description
M/A-COM’s MASYML0007 is a high reliability phase locked
CRO oscillator with excellent phase noise performance. The
MASYML0007 is designed for demanding applications that
require the ultimate in low phase noise and robust construction.
Applications include communications terminals, surveillance
radar exciters, airborne transponders and fire control radar. The
module is supplied in a flange mount metal package for ease of
integration into the user's hardware. Frequency control is
handled internally using a customized micro-controller.
Electrical Performance
(Applies over output frequency range @ +25 °C, VCC +9V, Fref 100 MHz, output load 50 unless otherwise stated.
Limits & Conditions are indicated values.)
Min
Typ
Max
Unit
Notes
Frequency
1600
MHz
Over TOP
Derivative designs available for discrete frequencies
from 1 GHz to 3 GHz
RF Output power
-3
0
+3
dBm
Over TOP
RF Output VSWR
1.2:1
Switch on Time
200
350
ms
Harmonics
-20
-15
dBc
Over TOP
Spurious
-75
-70
dBc
Phase Noise
-80
-77
dBc/Hz
10Hz offset
-90
-87
dBc/Hz
100Hz offset
-100
-97
dBc/Hz
1kHz offset
-107
-103
dBc/Hz
10kHz offset
-143
-139
dBc/Hz
100kHz offset
-163
-160
dBc/Hz
1MHz offset
External Ref
100
MHz
With stability of 20 ppm (max) over temperature.
Reference phase noise: -98 dBc/Hz @ 10 Hz,
-110 dBc/Hz @ 100 Hz,
-120 dBc/Hz @ 1 kHz
Lock Monitor (in lock)
2.0
2.5
3.3
Volt
Lock Monitor (not locked)
0
0.1
0.8
Volt
DC Supply voltage
9
Volt
Other voltages may be specified
DC Current
70
mA
Power consumption
1
Watt
Operating Temp
-40
+85
°C
Non-Operating/Storage Temp
-55
+125
°C


Similar Part No. - MASYML0007

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MASYML0007 APITECH-MASYML0007 Datasheet
354Kb / 3P
Low Phase Noise - Phased Locked Oscillator
More results

Similar Description - MASYML0007

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611213 SPECTRUM-611213 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611215 SPECTRUM-611215 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611219 SPECTRUM-611219 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611230 SPECTRUM-611230 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
logo
API Technologies Corp
MASYML0007 APITECH-MASYML0007 Datasheet
354Kb / 3P
Low Phase Noise - Phased Locked Oscillator
logo
Advanced XTAL Products
AXON20 AXTAL-AXON20 Datasheet
113Kb / 3P
PLXO - Phase-Locked Crystal Oscillator ??Low Phase Noise
AXON1000 AXTAL-AXON1000 Datasheet
110Kb / 3P
UHF Low Noise Phase-Locked Oscillator (PLO)
AXON2500 AXTAL-AXON2500 Datasheet
114Kb / 3P
SHF Low Noise Phase-Locked Oscillator (PLO)
AXPLT2500 AXTAL-AXPLT2500 Datasheet
115Kb / 3P
SHF Low Noise Phase-Locked Crystal Oscillator (PLXO)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com