Electronic Components Datasheet Search
  English  ▼

X  

BSS138 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # BSS138
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

BSS138 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  BSS138 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED BSS138 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED BSS138 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED BSS138 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
1
0
3
2
5
4
7
6
8
9
10
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 1 Drain-Source Current vs. Drain-Source Volta
ge
T = 25°
C
j
V
= 3.5V
GS
V
= 3.25V
GS
V
= 3.0V
GS
V
= 2.75V
GS
V
= 2.5V
GS
0
V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 2
Transfer Characteristics
0.1
0.2
0.3
0.5
0.4
0.6
0.7
0.8
0
1
1.5
0.5
2
3.5
4
4.5
2.5
3
-55°
C
150 °
C
25 °
C
V
= 1V
DS
■
Typical Characterisitics
0.65
T , JUNCTION TEMPERATURE (°C)
j
Fig. 3 Drain-Source On Resistance vs. Junction Temperature
0.85
1.05
1.25
1.65
1.45
1.85
2.05
2.25
2.45
-55
-5
45
95
145
V
= 10V
GS
V
= 4.5V
GS
I = 0.5A
D
I = 0.075A
D
0
0.2
0.4
0.6
0.8
1
1.4
1.2
2
1.8
1.6
-40
-55
5
-25 -10
50
20
35
80
95
65
110 125
140
T , JUNCTION TEMPERATURE (°C)
j
Fig. 4 Gate Threshold Voltage vs. Junction Temperature
I
= 1.0mA
D
0
I , DRAIN CURRENT (A)
D
Fig. 5 Drain-Source On Resistance vs. Drain Current
1
2
3
4
5
6
7
8
0
0.02
0.04
0.06
0.08
0.16
0.14
0.12
0.1
150 °
C
-55°
C
25 °
C
V
= 2.5V
GS
0
I , DRAIN CURRENT (A)
D
Fig. 6 Drain-Source On Resistance vs. Drain Current
1
2
3
5
4
6
7
8
9
0
0.05
0.1
0.2
0.15
0.25
150 °
C
-55°
C
25 °
C
V
= 2.75V
GS
2
BSS138
Rev:2022A2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com