Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # DS18B20Z
Description  MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

DS18B20Z Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  DS18B20Z Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED DS18B20Z Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED DS18B20Z Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED DS18B20Z Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED DS18B20Z Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED DS18B20Z Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED DS18B20Z Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED DS18B20Z Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED DS18B20Z Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
 
 
 
 
PIN CONFIGURATIONS
PIN
NAME
FUNCTION
TO-92
1,2,6,
7,8
—
N.C.
No Connection
3
 
3
 
VDD
Optional VDD. VDD must be grounded for operation
in parasite power mode.
4
 
 
2
 
 
DQ
Data Input/Output. Open-drain 1-Wire interface pin.
Also provides power to the device when used in parasite
power mode (see the Powering the DS18B20 section.)
5
1
GND
Ground
 
OVERVIEW
Figure 1 shows a block diagram of the DS18B20, and pin descriptions are given in the Pin Description
table. The 64-bit ROM stores the device’s unique serial code. The scratchpad memory contains the 2-byte
temperature register that stores the digital output from the temperature sensor. In addition, the scratchpad
provides access to the 1-byte upper and lower alarm trigger registers (TH and TL) and the 1-byte
configuration register. The configuration register allows the user to set the resolution of the temperature-
to-digital conversion to 9, 10, 11, or 12 bits. And there are 2-byte user programmable EEPROM. The
TH, TL, configuration registers, and 2-byte user programmable EEPROM are nonvolatile (EEPROM), so
they will retain data when the device is powered down.
 
The DS18B20 uses 1-Wire bus protocol that implements bus communication using one control signal. The
control line requires a weak pullup resistor since all devices are linked to the bus via a 3-state or open-drain
port (the DQ pin in the case of the DS18B20). In this bus system, the microprocessor (the master device)
identifies and addresses devices on the bus using each device’s unique 64-bit code. Because each device has
a unique code, the number of devices that can be addressed on one bus is virtually unlimited. The 1-Wire
DS18B20
Rev:2023A2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com