Electronic Components Datasheet Search
  English  ▼

X  

SIE-GD Datasheet(PDF) 1 Page - Festo Corporation.

Part # SIE-GD
Description  Sensor socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SIE-GD Datasheet(HTML) 1 Page - Festo Corporation.

  SIE-GD Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sensor socket
SIE-GD
Part number: 18494
General operating condition
Data sheet
Feature
Value
Conforms to standard
EN 61076-2-101
EN 61984
Type of mounting
With union nut
Product weight
13 g
Electrical connection
4-pin
Straight socket/screw terminal
M12x1
Plug coding
A
DC operating voltage range
0 V ... 250 V
Operating voltage range AC
0 V ... 250 V
Current rating at 40° C
4 A
Surge resistance
2.5 kV
Approved cable diameter
4 mm ... 6 mm
Connection cross section
0.25 mm² ... 0.75 mm²
Degree of protection
IP67
Ambient temperature
-25 °C ... 85 °C
CE marking (see declaration of conformity)
As per EU low voltage directive
UKCA marking (see declaration of conformity)
To UK instructions for electrical equipment
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Contamination level
3
Corrosion resistance class (CRC)
4 - Particularly high corrosion stress
Housing material
PA
Housing colour
Black
Material of union nut
PA
Seals material
CR
FPM
Material of pin contacts
Brass
White bronze, coated
6/11/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - SIE-GD

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SIE-WD-TR FESTO-SIE-WD-TR Datasheet
76Kb / 1P
Angled plug socket
More results

Similar Description - SIE-GD

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
SR-2 FIGARO-SR-2 Datasheet
204Kb / 1P
Sensor Socket for 8-series Sensors
SR-4 FIGARO-SR-4 Datasheet
204Kb / 1P
Sensor Socket for TGS 8-series Sensors
SR-6 FIGARO-SR-6 Datasheet
215Kb / 1P
Sensor Socket Sensors
SR-8 FIGARO-SR-8 Datasheet
246Kb / 1P
Sensor Socket Sensors
logo
Maxim Integrated Produc...
MAX1454DBSYS MAXIM-MAX1454DBSYS Datasheet
5Mb / 35P
Sensor Socket on the EV Board
Rev 0; 10/11
logo
WAGO Kontakttechnik Gmb...
756-5101-030-100 WAGO-756-5101-030-100 Datasheet
144Kb / 4P
Sensor/Actuator cable; M8 socket; straight; 3-pole; Length: 10 m
22.11.2021
756-5301-040-050 WAGO-756-5301-040-050 Datasheet
194Kb / 4P
Sensor/Actuator cable; M12A socket; straight; 4-pole; Length: 5 m
22.11.2021
756-5302-030-050 WAGO-756-5302-030-050 Datasheet
202Kb / 4P
Sensor/Actuator cable; M12A socket; angled; 3-pole; Length: 5 m
22.11.2021
756-5302-040-050 WAGO-756-5302-040-050 Datasheet
202Kb / 4P
Sensor/Actuator cable; M12A socket; angled; 4-pole; Length: 5 m
22.11.2021
logo
STI Vibration Monitorin...
CMCP603A STI-CMCP603A Datasheet
384Kb / 2P
Armored Sensor Extension Cable, 3 Socket MIL 5015 Connector
9/9/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com