Electronic Components Datasheet Search
  English  ▼

X  

1753835 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753835
Description  MSTBV 2,5/22-G - PCB header
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753835 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753835 Datasheet HTML 1Page - PHOENIX CONTACT 1753835 Datasheet HTML 2Page - PHOENIX CONTACT 1753835 Datasheet HTML 3Page - PHOENIX CONTACT 1753835 Datasheet HTML 4Page - PHOENIX CONTACT 1753835 Datasheet HTML 5Page - PHOENIX CONTACT 1753835 Datasheet HTML 6Page - PHOENIX CONTACT 1753835 Datasheet HTML 7Page - PHOENIX CONTACT 1753835 Datasheet HTML 8Page - PHOENIX CONTACT 1753835 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 22,
number of rows: 1, number of positions: 22, number of connections: 22, product range: MSTBV
2,5/..-G, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard
Your advantages
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Well-known mounting principle allows worldwide use
•
Vertical connection enables multi-row arrangement on the PCB
•
Items that can be aligned in various pitches support flexible and space-saving PCB assembly
•
Easy PCB replacement thanks to plug-in modules
•
Commercial data
Item number
1753835
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
AA03
Product key
AACSLB
Catalog page
Page 168 (CC-2005)
GTIN
4017918028572
Weight per piece (including packing)
8.99 g
Weight per piece (excluding packing)
7.8 g
Customs tariff number
85366930
Country of origin
DE
MSTBV 2,5/22-G - PCB header
1753835
https://www.phoenixcontact.com/us/products/1753835
Apr 19, 2024, 6:20 AM
Page 1 (17)


Similar Part No. - 1753835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753831 PHOENIX-1753831 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08-14
More results

Similar Description - 1753835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753738 PHOENIX-1753738 Datasheet
179Kb / 9P
Feed-through header - MSTBV 2,5/17-G
1753754 PHOENIX-1753754 Datasheet
179Kb / 9P
Feed-through header - MSTBV 2,5/18-G
1753877 PHOENIX-1753877 Datasheet
146Kb / 5P
MSTBV 2,5/24-G
1758212 PHOENIX-1758212 Datasheet
151Kb / 5P
MSTBV 2,5/22-G-5,08
1776980 PHOENIX-1776980 Datasheet
300Kb / 10P
PCB header - MSTBV 2,5/12-GF
02/04/2022
1753657 PHOENIX-1753657 Datasheet
175Kb / 11P
Feed-through header - MSTBV 2,5/13-G
09/11/2020
1776922 PHOENIX-1776922 Datasheet
443Kb / 14P
PCB header - MSTBV 2,5/ 6-GF
1777015 PHOENIX-1777015 Datasheet
444Kb / 14P
PCB header - MSTBV 2,5/15-GF
1777028 PHOENIX-1777028 Datasheet
443Kb / 14P
PCB header - MSTBV 2,5/16-GF
1777002 PHOENIX-1777002 Datasheet
774Kb / 17P
MSTBV 2,5/14-GF - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com