Electronic Components Datasheet Search
  English  ▼

X  

NDL7701PC Datasheet(PDF) 2 Page - NEC

Part # NDL7701PC
Description  1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7701PC Datasheet(HTML) 2 Page - NEC

  NDL7701PC Datasheet HTML 1Page - NEC NDL7701PC Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = -20 to +85
°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
IF
Forward Current of LD
mA
150
Pf
Optical Output Power
mW
5.0
from Fiber
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-20 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 s)
°C
260
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NDL7701P SERIES
NDL7701P1
NDL7701P
NDL7701P2
OUTLINE DIMENSIONS (Units in mm)
ORDERING INFORMATION
Optical Fiber
SM-9/125
Length: 1 m
φ7±0.2
φ3.2±0.25
φ0.45±0.05
φ0.9
φ6±0.1
PD
CASE
LD
P.C.D. =
φ2
27.4
±1.0
20
±1.0
4
1
3
2
φ7±0.2
43
12
3.7
±0.3
2.0
±0.2
4.0
±0.2
φ7±0.2
Optical Fiber
SM-9/125
Length: 1 m
15
5
φ3.2±0.25
φ2.2 (2 places)
φ0.45±0.05
φ0.9
φ6±0.1
PD
CASE
1.0
±0.1
LD
P.C.D. =
φ2
27.4
±1.0
20
±1.0
12.7
±0.2
17.0
±0.2
4
1
3
2
43
12
7.2
±0.3
PART NUMBER
AVAILABLE CONNECTOR
DESCRIPTION
NDL7701P
Without Connector
NDL7701PC
With FC-PC Connector
NDL7701PD
With SC-PC Connector
NDL7701P1
Without Connector
NDL7701P1C
With FC-PC Connector
NDL7701P1D
With SC-PC Connector
NDL7701P2
Without Connector
NDL7701P2C
With FC-PC Connector
NDL7701P2D
With SC-PC Connector
Flat
Mount
Flange
Vertical
Flange
No Flange
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
01/31/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE
φ7±0.2
0.5
±0.2
Optical Fiber
SM-9/125
Length: 1 m
15
5
0.3
φ3.2±0.25
φ0.45±0.05 (4 places)
φ0.9
PD
CASE
φ16
LD
P.C.D. =
φ2
φ2.5 (2 places)
27.7
±1.0
19.5
±1.0
2.5
±1.0
4
1
3
2
12
±0.15
16.0
7
±0.2
4
3
1
2
0.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com