Electronic Components Datasheet Search
  English  ▼

X  

PMBF4392 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMBF4392
Description  N-channel FETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBF4392 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMBF4392 Datasheet HTML 1Page - NXP Semiconductors PMBF4392 Datasheet HTML 2Page - NXP Semiconductors PMBF4392 Datasheet HTML 3Page - NXP Semiconductors PMBF4392 Datasheet HTML 4Page - NXP Semiconductors PMBF4392 Datasheet HTML 5Page - NXP Semiconductors PMBF4392 Datasheet HTML 6Page - NXP Semiconductors PMBF4392 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel FETs
PMBF4391; PMBF4392;
PMBF4393
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source voltage
± V
DS
max.
40 V
Drain-gate voltage
VDGO
max.
40 V
Gate-source voltage
−V
GSO
max.
40 V
Gate current (DC)
IG
max.
50 mA
Total power dissipation up to Tamb =40 °C (1)
Ptot
max.
250 mW
Storage temperature range
Tstg
−65 to + 150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient(1)
Rth j-a
=
430 K/W
Gate-source voltage
IG = 1 mA; VDS = 0
VGSon
<
1V
Gate-source cut-off current
VDS = 0 V; −VGS = 20 V
−IGSS
<
0.1 nA
VDS = 0 V; −VGS = 20 V; Tamb = 150 °C
−IGSS
<
0.2
µA
PMBF4391
PMBF4392
PMBF4393
Drain current
VDS = 20 V; VGS =0
IDSS
>
<
50
150
25
75
5
30
mA
mA
Gate-source breakdown voltage
−IG =1 µA; VDS =0
−V(BR)GSS
>
40
40
40 V
Gate-source cut-off voltage
ID = 1 nA; VDS = 20 V
−V(P)GS
>
<
4
10
2
5
0.5
3
V
V
Drain-source voltage (on)
ID = 12 mA; VGS =0
VDSon
<
0.4
−− V
ID = 6 mA; VGS =0
VDSon
<
0.4
− V
ID = 3 mA; VGS =0
VDSon
<−
−
0.4 V
Drain-source resistance (on)
ID = 0; VGS = 0; f = 1 kHz; Tamb =25 °Crds on
<
30
−
100
Ω
Drain cut-off current
−VGS = 12 V
VDS = 20 V
IDSX
<
0.1
−− nA
−V
GS =7 V
IDSX
<−
0.1
− nA
−V
GS =5 V
IDSX
<−
−
0.1 nA
−VGS = 12 V
VDS = 20 V; Tamb = 150 °C
IDSX
<
0.2
−− µA
−VGS =7 V
IDSX
<−
0.2
−µA
−V
GS =5 V
IDSX
<−
−
0.2
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com