Electronic Components Datasheet Search
  English  ▼

X  

PMBF5484 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMBF5484
Description  N-channel field-effect transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBF5484 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMBF5484 Datasheet HTML 1Page - NXP Semiconductors PMBF5484 Datasheet HTML 2Page - NXP Semiconductors PMBF5484 Datasheet HTML 3Page - NXP Semiconductors PMBF5484 Datasheet HTML 4Page - NXP Semiconductors PMBF5484 Datasheet HTML 5Page - NXP Semiconductors PMBF5484 Datasheet HTML 6Page - NXP Semiconductors PMBF5484 Datasheet HTML 7Page - NXP Semiconductors PMBF5484 Datasheet HTML 8Page - NXP Semiconductors PMBF5484 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel field-effect transistors
PMBF5484; PMBF5485;
PMBF5486
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL RESISTANCE
Note
1. Device mounted on an FR4 printed-circuit board.
STATIC CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
25
V
VGSO
gate-source voltage
−−25
V
VGDO
gate-drain voltage
−−25
V
IG
DC forward gate current
−
10
mA
Ptot
total power dissipation
up to Tamb = 25 °C (note 1)
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient (note 1)
500 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)GSS
gate-source breakdown voltage
VDS = 0; IG = −1 µA
−25
−
V
IDSS
drain current
VDS = 15 V; VGS = 0
PMBF5484
1
5
mA
PMBF5485
4
10
mA
PMBF5486
8
20
mA
IGSS
reverse gate leakage current
VDS = 0; VGS = −15 V
−−1nA
VGSS
gate-source forward voltage
VDS = 0; IG = 1 mA
−
1V
VGS(off)
gate-source cut-off voltage
VDS = 15 V; ID = 1 nA
PMBF5484
−0.3
−3V
PMBF5485
−0.5
−4V
PMBF5486
−2
−6V
 Y
fs
common source transfer admittance
VDS = 15 V; VGS = 0
PMBF5484
3
6
mS
PMBF5485
3.5
7
mS
PMBF5486
4
8
mS
 Y
os
common source output admittance
VDS = 15 V; VGS = 0
PMBF5484
−
50
µS
PMBF5485
−
60
µS
PMBF5486
−
75
µS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com