Electronic Components Datasheet Search
  English  ▼

X  

MD-169 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MD-169
Description  Termination Insensitive Mixer, 1 MHz - 3.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-169 Datasheet(HTML) 2 Page - Tyco Electronics

  MD-169 Datasheet HTML 1Page - Tyco Electronics MD-169 Datasheet HTML 2Page - Tyco Electronics MD-169 Datasheet HTML 3Page - Tyco Electronics MD-169 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Termination Insensitive Mixer,
1 MHz - 3.5 GHz
MD-/MDC-/MDS-169
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
2
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
RF, LO Ports
IF Port
0.001 - 3.5
5 - 1500
GHz
MHz
—
—
—
—
—
—
Conversion Loss
5 - 1000 MHz
2
5 - 3000 MHz
3
1 - 3500 MHz
dB
dB
dB
—
—
—
—
—
—
7
8
10
Isolation
LO to RF
5 - 1000 MHz
1 - 3500 MHz
dB
dB
30
20
—
—
—
—
LO to IF
5 - 1000 MHz
1 - 3500 MHz
dB
dB
30
20
—
—
—
—
RF to IF
10 - 500 MHz
1 - 3000 MHz
1 - 3500 MHz
dB
dB
dB
30
20
18
—
—
—
—
—
—
RF Input
1 dB Compression
1 dB Desensitization
—
—
dBm
dBm
—
—
+7
+5
—
—
SSB Noise Figure
Within 1 dB of Conversion Loss
Max
—
—
—
—
—
Typical Two-Tone IM
Ratio
with a –10 dBm input, each tone
625 MHz and 35 MHz IF
10 MHz
500 MHz
3000 MHz
dB
dB
dB
—
—
—
55
58
56
—
—
—
3rd Order
Intermodulation Ratio
Degradation
@ IF VSWR 3:1
—
dB
—
3
—
1. All specifications apply when operated at +10 dBm available LO power with 50 Ohm source and load impedance.
2. For IF Frequencies of 5 - 300 MHz and RF of –10 dBm or less.
3. For MDC-169, add 1.0 dB to conversion loss.
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Conversion Loss
LO @ +10 dBm
IF @ 60 MHz
5 - 1000 MHz
1000 - 3000 MHz
1 - 3500 MHz
dB
dB
dB
—
—
—
6.5
7.5
8.0
7.0
9.0
10.0
Isolation
LO to RF
5 - 1000 MHz
1 - 3500 MHz
dB
dB
30
20
35
25
—
—
LO to IF
5 - 1000 MHz
1 - 3500 MHz
dB
dB
30
20
35
25
—
—
RF to IF
10 - 500 MHz
1 - 3000 MHz
1 - 3500 MHz
dB
dB
dB
30
20
18
35
25
23
—
—
—
Electrical Specifications (MDS-169): TA = -55°C to +85°C
Frequency: RF, LO Ports = 1 - 3500 MHz, IF Port = 5-1500 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com