Electronic Components Datasheet Search
  English  ▼

X  

MY50 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MY50
Description  Triple-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MY50 Datasheet(HTML) 1 Page - Tyco Electronics

  MY50 Datasheet HTML 1Page - Tyco Electronics MY50 Datasheet HTML 2Page - Tyco Electronics MY50 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
'()
*
'()
+
'()
%& , - .
/
0!
! 1
( 2" 3
#
! 4 !
56
/ !
"
78
#
9
!
:
2!
$
!
5:
;
!
<$ #
!
##
!
"
2! $ )
= "
>5 !2 <$
! 9
9 !
9 $!
!
! #
!
" $
" 2"
#
$
95#
$
!
!
5
>
$
!
!;
$ :
; $
95
?!- !
!
! !2 - ;
9
7+%;= ,;
:7+%;= ,;
7+%;, %;
:
! $
5
78
#
78
3
=7@ 3 !!
)
! " #!
$ " %&! '
( )
*
+,
-
.
/
-+
0
%1#2.
3#42
%5#2.
==/ 3 !-
! %
0
1
/
==/ A
2$
0
1
6 " !
9
!-
!
/
BBBB
BBBB
BBBB
+
!:%
* 0 !1
%C
'()
%C
'()
/
+
!:%
+0 !1
%C
'()
%C
'()
/
/ 3 !-
! 3
#
%C .
/
/
.
+!#$ +4
/
.
.


Similar Part No. - MY50

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MY50 MA-COM-MY50 Datasheet
123Kb / 3P
Triple-Balanced Mixer
MY50 MA-COM-MY50 Datasheet
123Kb / 3P
Triple-Balanced Mixer
logo
List of Unclassifed Man...
MY5002 ETC2-MY5002 Datasheet
639Kb / 4P
Size 11 Mini Hybrid Stepper Motors
logo
Astrosyn International ...
MY5002 ASTROSYN-MY5002 Datasheet
639Kb / 4P
Size 11 Mini Hybrid Stepper Motors
logo
Tyco Electronics
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
More results

Similar Description - MY50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com