Electronic Components Datasheet Search
  English  ▼

X  

MY63HC Datasheet(PDF) 1 Page - Tyco Electronics

Part # MY63HC
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MY63HC Datasheet(HTML) 1 Page - Tyco Electronics

  MY63HC Datasheet HTML 1Page - Tyco Electronics MY63HC Datasheet HTML 2Page - Tyco Electronics MY63HC Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
'()
*
'()
+ ,-
'()
%& , . /
0
1!
! 2
( 3" +
!
# 4 ! /
0
15#2
" 67
(
$8 8
!
9
3!
$
!
:
59
!
;$ #
!
##
!
"
3!
$
)
< "
=5 !3 ;$
!
8
8 !
!
8 $!
!
! #
!
"
!
8 $
#"
!
8:#"
$
!
" + #
,-
$#
"
" $
" 3"
#
:
$
!
85 #
$
!
!
5
=
$
!
!$ 9
: $
85 >!.:
!
!
! !3 .
8
6+%:< ,:
96+%:< ,:
9
6+%:, %:
9 ! $
5
67
(
#
67
(-
<6? - !!
)
! " #!
$ " %&! '
( )
*
+,
-
.
/
-+
0
%&#1.
2#31
%4#1.
<<0 - !.
! %
1
2
0
<<0 @
3$
1
2
A " !
8
!.
!
0
BBBB
BBBB
BBBB
+
!9%
* 1 !2
%C
'()
%C
'()
0
+
!9%
+1 !2
%C
'()
%C
'()
%C
'()
0
0 - !.
! -
#
%C /
0
0
/
+!#$ +4
* C
'()
0 9* C
'()
0 9
%C
'()
C /
0
0
/


Similar Part No. - MY63HC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MY63HC MA-COM-MY63HC Datasheet
126Kb / 3P
Double-Balanced Mixer
MY63HC MA-COM-MY63HC Datasheet
126Kb / 3P
Double-Balanced Mixer
MY63HC MA-COM-MY63HC_15 Datasheet
126Kb / 3P
Double-Balanced Mixer
More results

Similar Description - MY63HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com