Electronic Components Datasheet Search
  English  ▼

X  

PMBFJ113 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMBFJ113
Description  N-channel junction FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBFJ113 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMBFJ113 Datasheet HTML 1Page - NXP Semiconductors PMBFJ113 Datasheet HTML 2Page - NXP Semiconductors PMBFJ113 Datasheet HTML 3Page - NXP Semiconductors PMBFJ113 Datasheet HTML 4Page - NXP Semiconductors PMBFJ113 Datasheet HTML 5Page - NXP Semiconductors PMBFJ113 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel junction FETs
PMBFJ111;
PMBFJ112; PMBFJ113
THERMAL CHARACTERISTICS
Tj =P(Rth j-t + Rth t−s + Rth s-a) + Tamb
Notes
1. Mounted on a ceramic substrate, 8 mm
× 10 mm × 0.7 mm.
2. Mounted on printed circuit board.
STATIC CHARACTERISTICS
Tj =25 °C.
SYMBOL
PARAMETER
MAX.
UNIT
Rth j-a
from junction to ambient (note 1)
430
K/W
Rth j-a
from junction to ambient (note 2)
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
−IGSS
reverse gate current
−VGS = 15 V; VDS =0
−
1nA
IDSS
drain current
VGS = 0; VDS = 15 V
PMBFJ111
20
− mA
PMBFJ112
5
−
PMBFJ113
2
−
−V
(BR)GSS
gate-source breakdown voltage
−IG =1 µA; VDS =0
40
− V
−VGS(off)
gate-source cut-off voltage
ID =1 µA; VDS =5 V
PMBFJ111
3
10 V
PMBFJ112
1
5
PMBFJ113
0.5
3
RDS(on)
drain-source on-resistance
VGS = 0 V; VDS = 0.1 V
PMBFJ111
−
30
Ω
PMBFJ112
−
50
PMBFJ113
−
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com