Electronic Components Datasheet Search
  English  ▼

X  

SW-112-PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-112-PIN
Description  SPDT RF Switch, 20 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-112-PIN Datasheet(HTML) 1 Page - Tyco Electronics

  SW-112-PIN Datasheet HTML 1Page - Tyco Electronics SW-112-PIN Datasheet HTML 2Page - Tyco Electronics SW-112-PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
#
$ %&'' ())**)) + ,%-.&())**))
#
$ %//0-'&1./*'' + ,%//0-'&1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
0
3
4
"
5
% .' 4 $
$$67
5
8
1'
9
6 :$7 &&( :
"
:; 00* 8 9
7 0
9
%<
9
10(
=
9
%7
>
?<
5 =
: "
!@
3
7
*''* -1 @
!"
#
#
# $
# %
'
0
&
'$()
& &
*


Similar Part No. - SW-112-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
More results

Similar Description - SW-112-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
SPDT RF Switch 20 - 2000 MHz
SW-132 MACOM-SW-132 Datasheet
100Kb / 2P
SPDT RF Switch 200 - 2000 MHz
SW-162 MACOM-SW-162 Datasheet
83Kb / 1P
Matched SPDT RF Switch 20 - 1500 MHz
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
GaAs SPDT Switch 5 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
Peregrine Semiconductor...
PE42510A PEREGRINE-PE42510A Datasheet
375Kb / 7P
SPDT High Power UltraCMOS RF Switch 30 - 2000 MHz
PE42510A PEREGRINE-PE42510A Datasheet
380Kb / 7P
SPDT High Power UltraCMOS RF Switch 30-2000 MHz
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-162-PIN MA-COM-SW-162-PIN Datasheet
54Kb / 3P
Matched SPDT RF Switch, 20 - 1500 MHz
logo
Peregrine Semiconductor
PE42510AMLI-Z PSEMI-PE42510AMLI-Z Datasheet
821Kb / 7P
SPDT High Power UltraCMOS짰 Reflective RF Switch 30 - 2000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com