Electronic Components Datasheet Search
  English  ▼

X  

SW-207-PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-207-PIN
Description  GaAs SPDT Switch, 5 - 3000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-207-PIN Datasheet(HTML) 2 Page - Tyco Electronics

  SW-207-PIN Datasheet HTML 1Page - Tyco Electronics SW-207-PIN Datasheet HTML 2Page - Tyco Electronics SW-207-PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&'' ())**)) + ,%-.&())**))
#
$ %//0-'&1./*'' + ,%//0-'&1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
*
!
+
) ,--.
/0-.
$
1
2
3
4
2
4 5
3
A
1 ('''
>;
1 *'''
>;
1 0'''
>;
4
4
4
A
A
A
A
A
A
* (
0 /
0 '
259 :
A
1 ('''
>;
1 *'''
>;
1 0'''
>;
:
:
:
A
A
A
A
A
A
* 1%0
0 .%0
0 1%0
A
1 ('''
>;
1 *'''
>;
1 0'''
>;
4
4
4
0&
*&
(&
A
A
A
A
A
A
$
!$
$
!$
$
1'B
$3
-' 0'B :+
"
A
A
A
5
5
2
A
A
A
.
*'
.'
A
A
A
0 4
7
' 1 ( C>;
' '1C>;
4
4
A
A
D*.
D*0
A
A
7*
+
D0( 4
' 1 ( C>;
' '1C>;
4
4
A
A
D)&
D)'
A
A
7(
+
D0( 4
' 1 ( C>;
' '1C>;
4
4
A
A
D*.
D*0
A
A
4
7
D126
A
A
A
0
0
"
D126
1'
:+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com