Electronic Components Datasheet Search
  English  ▼

X  

570367 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 570367
Description  Plug socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

570367 Datasheet(HTML) 1 Page - Festo Corporation.

  570367 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plug socket
MSSD-EB-M12-24VDC-SD-EX
Part number: 570367
General operating condition
Data sheet
Feature
Value
Explosion prevention and protection
Observe the information on the certificate
Zone 2 (ATEX)
Zone 22 (ATEX)
Type of mounting
On air solenoid valve with M2.5 central screw
Electrical connection
3-pin
Socket, angled
Form C
as per DIN EN 175301-803
Rectangular design
DC operating voltage range
0 V ... 30 V
Operating voltage range AC
0 V ... 24 V
Current rating at 40° C
6 A
Surge resistance
0.8 kV
Cable fitting
M12
Approved cable diameter
4 mm ... 6 mm
Connection cross section
0.25 mm² ... 0.5 mm²
Degree of protection
IP65
as per IEC 60529
Ambient temperature
-25 °C ... 125 °C
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Contamination level
3
Housing material
PA-reinforced
Seals material
HNBR
6/10/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 570367

ManufacturerPart #DatasheetDescription
logo
VAT Group AG
57036_GE02 VAT-57036_GE02 Datasheet
27Kb / 1P
All-Metal Angle Valve, Series 57.0, DN 63 (ID 2 1/2")
57036_RE24 VAT-57036_RE24 Datasheet
52Kb / 2P
All-metal angle valve, Series 571, DN 63 (ID 2½’’)
More results

Similar Description - 570367

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.2710 SCHURTER-4850.2710_V01 Datasheet
237Kb / 2P
, 7-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V01 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2510 SCHURTER-4850.2510_V01 Datasheet
235Kb / 2P
, 5-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2400 SCHURTER-4850.2400_V01 Datasheet
241Kb / 2P
, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2310 SCHURTER-4850.2310_V01 Datasheet
235Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2300 SCHURTER-4850.2300_V01 Datasheet
241Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
, 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
logo
Festo Corporation.
151909 FESTO-151909 Datasheet
62Kb / 1P
Plug socket with cable
4/20/22
542256 FESTO-542256 Datasheet
95Kb / 2P
Plug socket with cable
7/18/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com