Electronic Components Datasheet Search
  English  ▼

X  

8091514 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8091514
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8091514 Datasheet(HTML) 1 Page - Festo Corporation.

  8091514 Datasheet HTML 1Page - Festo Corporation. 8091514 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connecting cable
NEBS-L1G4-K-1-N-M12G4
Part number: 8091514
General operating condition
Data sheet
Feature
Value
Cable designation
Without label holder
Contact durability
100
Product weight
40 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Rectangular
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
Connection diagram L1J
Electrical connection 1, number of pins/wires
4
Electrical connection 1, occupied pins/wires
4
Electrical connection 1, type of mounting
Snap-locking
Electrical connection for input 1, connection pattern
00995720
Electrical connection 2, function
Control side
Electrical connection 2, design
Round
Electrical connection 2, connection type
Plug
Electrical connection 2, cable outlet
Straight
Electrical connection 2, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 2, number of pins/wires
4
Electrical connection 2, occupied pins/wires
4
Electrical connection 2, type of mounting
Screw-type lock with hexagon AF 13 and longitudinal knurl
Electrical connection 2, connection pattern
00995386
DC operating voltage range
0 V ... 30 V
Current rating at 40° C
1 A
Surge resistance
0.8 kV
Cable length
1 m
Cable characteristic
Standard
Connector cable test conditions
Test conditions on request
Bending radius, fixed cable installation
≥14 mm
Bending radius, flexible cable installation
≥46 mm
Cable diameter
4.5 mm
Cable diameter tolerance
± 0.1 mm
Cable design
4 x 0.25 mm²
Nominal conductor cross section
0.25 mm²
Degree of protection
IP65
IP67
IP69K
5/26/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8091514

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8091511 FESTO-8091511 Datasheet
88Kb / 2P
Connecting cable
7/18/22
8091512 FESTO-8091512 Datasheet
74Kb / 2P
Connecting cable
8091513 FESTO-8091513 Datasheet
86Kb / 2P
Connecting cable
7/19/22
8091515 FESTO-8091515 Datasheet
76Kb / 2P
Connecting cable
7/18/22
8091516 FESTO-8091516 Datasheet
80Kb / 2P
Distributor
More results

Similar Description - 8091514

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com