Electronic Components Datasheet Search
  English  ▼

X  

NE894M13 Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE894M13
Description  NPN SILICON TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE894M13 Datasheet(HTML) 2 Page - California Eastern Labs

  NE894M13 Datasheet HTML 1Page - California Eastern Labs NE894M13 Datasheet HTML 2Page - California Eastern Labs NE894M13 Datasheet HTML 3Page - California Eastern Labs NE894M13 Datasheet HTML 4Page - California Eastern Labs NE894M13 Datasheet HTML 5Page - California Eastern Labs NE894M13 Datasheet HTML 6Page - California Eastern Labs NE894M13 Datasheet HTML 7Page - California Eastern Labs NE894M13 Datasheet HTML 8Page - California Eastern Labs NE894M13 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Notes:
1.Operationinexcessofanyoneoftheseparametersmayresult
inpermanentdamage.
2.Withdevicemountedon1.08cm2X1.0mmglassepoxyboard.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
CollectortoBaseVoltage
V
9
VCEO
CollectortoEmitterVoltage
V
3.0
VEBO
EmittertoBaseVoltage
V
1.5
IC
CollectorCurrent
mA
35
PT2
TotalPowerDissipation
mW
105
TJ
JunctionTemperature
°C
150
TSTG
StorageTemperature
°C
-65to+150
ABSOLUTE MAXIMUM RATINGS1(TA=25°C)
AmbientTemperature,TA(°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TYPICAL PERFORMANCE CURVES (TA=25°C)
CollectortoBaseVoltage,VCB(V)
REVERSE TRANSFR CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
150
125
100
75
50
25
0
105
Mounted on Glass epoxy PCB
(1.08 cm 2 x 1.0 mm (t) )
0
25
50
75
100
125
150
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
f = 1 MHz
NE894M13
VCE = 1 V
100
10
1
0.1
0.001
0.000 1
0.01
0.4
0.5
0.6
0.7
0.8
0.9
1.0
BasetoEmitterVoltage,VBE(V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
40
30
20
10
0
0
1
2
3
4
5
500 µA
150 µA
200 µA
250 µA
300 µA
350 µA
400 µA
450 µA
100 µA
IB = 500 µA
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
CollectortoEmitterVoltage,VCE(V)
PART NUMBER
QUANTITY
NE894M13-A
50PCS(Nonreel)
NE894M13-T3-A
10kpcs/reel
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com