Electronic Components Datasheet Search
  English  ▼

X  

SW-231-PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-231-PIN
Description  Matched GaAs SPDT Switch, 5 - 4000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-231-PIN Datasheet(HTML) 3 Page - Tyco Electronics

  SW-231-PIN Datasheet HTML 1Page - Tyco Electronics SW-231-PIN Datasheet HTML 2Page - Tyco Electronics SW-231-PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
!
"
!
"
#
$ %&''())**)) + ,%-.&())**))
#
$ %//0-'&1./*'' + ,%//0-'&1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
(
2
!
6
' '
' 1
0'
01
* '
* 1
( '
' ''1
0'
* '
( '
/ '
1
2 74 & 89
/ 0-.!
/ *-.!
, --.!
0'
0*
0/
0)
0&
* '
' ''1
0'
* '
( '
/ '
1
2 74 & 89
*'
('
/'
1'
)'
.'
&'
' ''1
0'
* '
( '
/ '
1
2 74 & 89
'
C27
9
E97
;+0
E97
E97
E97
E97
E97
E97
E97
;+*
E97
1'



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com