Electronic Components Datasheet Search
  English  ▼

X  

SW-261-PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-261-PIN
Description  Matched GaAs SPDT Switch, 5 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-261-PIN Datasheet(HTML) 2 Page - Tyco Electronics

  SW-261-PIN Datasheet HTML 1Page - Tyco Electronics SW-261-PIN Datasheet HTML 2Page - Tyco Electronics SW-261-PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&'' ())**)) + ,%-.&())**))
#
$ %//0-'&1./*'' + ,%//0-'&1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
*
!
-
& .//0
12/0
$
0
"
A127
1'
;+ 8
3
4
5
6
4
6 7
3
B
1 *'''
?<
1 0'''
?<
1 1''
?<
4
4
4
* 0
0 )
0 /
B
B
B
B
B
B
25: ;
B
1 *'''
?<
1 0'''
?<
1 1''
?<
;
;
;
B
B
B
B
B
B
* 1%0
0 &%0
0 /%0
B
1 *'''
?<
1 0'''
?<
1 1''
?<
4
4
4
(1
()
/*
B
B
B
B
B
B
$
!$
$
!$
$
1'C
$3
-' 0'C ;+
"
B
B
B
5
5
2
B
B
B
.
*'
&'
B
B
B
0 4
8
1'' *'''
?<
1'
?<
4
4
B
B
A*.
A*0
B
B
8*
+
A0( 4
1'' *'''
?<
1'
?<
4
4
B
B
A)&
A)'
B
B
8(
+
A0( 4
1'' *'''
?<
1'
?<
4
4
B
B
A*.
A*0
B
B
4
8
A127
D ' ('
$
B
B
B
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com