Electronic Components Datasheet Search
  English  ▼

X  

SW-313-PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-313-PIN
Description  Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-313-PIN Datasheet(HTML) 1 Page - Tyco Electronics

  SW-313-PIN Datasheet HTML 1Page - Tyco Electronics SW-313-PIN Datasheet HTML 2Page - Tyco Electronics SW-313-PIN Datasheet HTML 3Page - Tyco Electronics SW-313-PIN Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Matched GaAs SPDT Switch,
DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
1
RoHS
Compliant
Features
• Integral TTL Driver
• Low DC Power Consumption
• Fast Switching Speed: 7 ns Typical
• Surface Mount Package
• 50 Ohm Nominal Impedance
• MIL-STD-883 Screening Available
• Lead-Free CR-9 Package
• 260°C Reflow Compatible
Description
M/A-COM’s SW-313-PIN is a GaAs FET SPDT ab-
sorptive switch with integral silicon ASIC driver.
Packaged in a 16-lead ceramic surface mount pack-
age, this device offers excellent performance and
repeatability from DC to 3 GHz while maintaining low
power consumption. The SW-313-PIN is ideally
suited for use where fast speed, low power con-
sumption and broadband applications are required.
MIL-STD-883 screening available.
Ordering Information
Part Number
Package
SW-313-PIN
Bulk Packaging
SW-313-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Note: Die quantity varies.
Functional Block Diagram
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Vee
9
RFC
2
GND
10
GND
3
GND
11
GND
4
GND
12
RF1
5
RF2
13
GND
6
GND
14
GND
7
GND
15
Vcc
8
GND
16
C1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
The metal bottom of the case must be connected to RF and DC
ground.


Similar Part No. - SW-313-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
Matched GaAs SPDT Switch
SW-313-PIN MA-COM-SW-313-PIN Datasheet
545Kb / 5P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN_15 Datasheet
545Kb / 5P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results

Similar Description - SW-313-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-313 MACOM-SW-313 Datasheet
220Kb / 3P
Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
SW10-0313 MACOM-SW10-0313 Datasheet
222Kb / 3P
Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW05-0311 MA-COM-SW05-0311 Datasheet
107Kb / 4P
Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW10-0313 MA-COM-SW10-0313 Datasheet
106Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-110-PIN MA-COM-SW-110-PIN Datasheet
117Kb / 5P
GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN_15 Datasheet
545Kb / 5P
Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com