Electronic Components Datasheet Search
  English  ▼

X  

SS0520WS Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SS0520WS
Description  0.5A LOW VF SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SS0520WS Datasheet(HTML) 1 Page - Won-Top Electronics

  SS0520WS Datasheet HTML 1Page - Won-Top Electronics SS0520WS Datasheet HTML 2Page - Won-Top Electronics SS0520WS Datasheet HTML 3Page - Won-Top Electronics SS0520WS Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: October, 2018
1
Pb
Features
Very Low Forward Voltage
Fast Switching Speed
A
PN Junction Guard Ring for Transient and
ESD Protection
For General Purpose Switching Applications
C
Plastic Material – UL Recognition Flammability
D
Classification 94V-0
B
E
Mechanical Data
H
Case: SOD-323, Molded Plastic
G
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.004 grams (approx.)
Marking: Device Code, See Page 3
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS0520WS
SS0530WS
SS0540WS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
Forward Continuous Current (Note 1)
@ TL = 90°C
IF
0.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
5.5
A
Thermal Resistance, Junction to Lead (Note 2)
Thermal Resistance, Junction to Ambient (Note 1)
RθJL
RθJA
150
206
118
206
°C/W
Operating Temperature Range
TJ
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS0520WS
SS0530WS
SS0540WS
Unit
Maximum Forward Voltage Drop
@ IF = 0.1A
@ IF = 0.5A
@ IF = 1.0A
VFM
0.300
0.385
—
0.375
0.430
—
—
0.510
0.620
V
Peak Reverse Current
@TJ = 25°C
At Rated DC Blocking Voltage
@TJ = 100°C
IRM
250
8.0
130
5.0
20
13
µA
mA
Note: 1. Mounted on FR-4 PCB with 645mm
2 pad size.
2. Mounted on FR-4 PCB with minimum recommended pad size.
SS0520WS – SS0540WS
0.5A LOW VF SURFACE MOUNT SCHOTTKY BARRIER DIODE
WON-TOP ELECTRONICS
®
SOD-323
Dim
Min
Max
A
2.30
2.75
B
1.60
1.80
C
1.20
1.40
D
0.25
0.40
E
0.05
0.15
G
0.20
0.40
H
—
1.10
J
—
0.10
All Dimensions in mm


Similar Part No. - SS0520WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS0520 PANJIT-SS0520 Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Won-Top Electronics
SS0520 WTE-SS0520 Datasheet
46Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS0520 PANJIT-SS0520 Datasheet
87Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
SS0520 PANJIT-SS0520 Datasheet
93Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - SS0520WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
logo
Sanyo Semicon Device
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
logo
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
logo
Cystech Electonics Corp...
CSOD0540SH CYSTEKEC-CSOD0540SH Datasheet
218Kb / 5P
0.5A surface mount Schottky diode
RB0520LSH CYSTEKEC-RB0520LSH Datasheet
240Kb / 6P
0.5A Low VF Schottky Barrier Rectifier
RB0540C2 CYSTEKEC-RB0540C2 Datasheet
366Kb / 6P
0.5A surface mount Schottky diode
RB0540N3 CYSTEKEC-RB0540N3 Datasheet
246Kb / 6P
0.5A surface mount Schottky diode
RB0540S2 CYSTEKEC-RB0540S2 Datasheet
234Kb / 6P
0.5A surface mount Schottky diode
logo
Central Semiconductor C...
PB-CFSH05_1509 CENTRAL-PB-CFSH05_1509 Datasheet
1Mb / 2P
20V, 0.5A Low VF Schottky Diode
logo
Zibo Seno Electronic En...
SSL32F ZSELEC-SSL32F Datasheet
172Kb / 2P
3.0A SURFACE MOUNT LOW VF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com