Electronic Components Datasheet Search
  English  ▼

X  

SS0530WS Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SS0530WS
Description  0.5A LOW VF SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SS0530WS Datasheet(HTML) 2 Page - Won-Top Electronics

  SS0530WS Datasheet HTML 1Page - Won-Top Electronics SS0530WS Datasheet HTML 2Page - Won-Top Electronics SS0530WS Datasheet HTML 3Page - Won-Top Electronics SS0530WS Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: October, 2018
SS0520WS – SS0540WS
WON-TOP ELECTRONICS
®
0
TL, LEAD TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
25
50
75
100
125
0
0.1
0.2
0.3
0.4
0.5
Resistive or
Inductive Load
0
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1.0
10
VR, DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
50
0
40
80
120
160
200
0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
20
40
60
80
100
0.1
1.0
10
100
1000
10000
TJ = 25°C
SS0530WS
SS0520WS
SS0540WS
TA = 25°C
SS0520WS
0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
20
40
60
80
100
0.1
1.0
10
100
1000
10000
0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
20
40
60
80
100
0.1
1.0
10
100
1000
10000
TJ = 75°C
TJ = 100°C
TJ = 25°C
SS0530WS
TJ = 75°C
TJ = 125°C
SS0540WS
TJ = 25°C
TJ = 100°C
TJ = 125°C
0
10
20
30
40
f = 1MHz
SS0520WS
SS0530WS
SS0540WS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com