Electronic Components Datasheet Search
  English  ▼

X  

SS1040FL Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SS1040FL
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SS1040FL Datasheet(HTML) 1 Page - Won-Top Electronics

  SS1040FL Datasheet HTML 1Page - Won-Top Electronics SS1040FL Datasheet HTML 2Page - Won-Top Electronics SS1040FL Datasheet HTML 3Page - Won-Top Electronics SS1040FL Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Low Turn-On Voltage
Fast Switching
A
PN Junction Guard Ring for Transient and
ESD Protection
Designed for Surface Mount Application
C
Plastic Material – UL Recognition Flammability
D
Classification 94V-0
B
E
Mechanical Data
Case: SOD-123FL, Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.017 grams (approx.)
Marking: Device Code, See Page 3
H
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS1020FL
SS1030FL
SS1040FL
SS1060FL SS10100FL
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
60
100
V
Forward Continuous Current (Note 1)
IF
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
25
A
Thermal Resistance, Junction to Lead (Note 2)
Thermal Resistance, Junction to Ambient (Note 1)
RθJL
RθJA
26
85
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
SS1020FL
SS1030FL
SS1040FL
SS1060FL SS10100FL
Unit
Maximum Forward Voltage Drop @ IF = 1.0A
VFM
0.52
0.55
0.70
0.85
V
Peak Reverse Leakage Current @ VRRM
IRM
100
µA
Typical Junction Capacitance (Note 3)
CJ
60
50
40
pF
Note: 1. Mounted on FR-4 PCB with 645mm
2 pad size.
2. Mounted on FR-4 PCB with minimum recommended pad size.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SS1020FL – SS10100FL
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
WON-TOP ELECTRONICS
®
SOD-123FL
Dim
Min
Max
A
3.30
3.70
B
2.60
2.95
C
1.65
1.95
D
0.75
1.35
E
0.10
0.20
G
0.98
1.08
H
0.50
0.80
All Dimensions in mm
G


Similar Part No. - SS1040FL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SS1040FL WTE-SS1040FL Datasheet
52Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS1040FL PANJIT-SS1040FL Datasheet
119Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS1040FL PANJIT-SS1040FL Datasheet
134Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
SS1040FL PANJIT-SS1040FL Datasheet
97Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS1040FL TAYCHIPST-SS1040FL Datasheet
2Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS1040FL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK12 WTE-SK12_06 Datasheet
45Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12 WTE-SS12_06 Datasheet
45Kb / 4P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5817W SEMTECH_ELEC-1N5817W Datasheet
241Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB160M-60 SUNMATE-RB160M-60 Datasheet
1Mb / 3P
1.0A Surface Mount Schottky Barrier Diode
RB162M-40 SUNMATE-RB162M-40 Datasheet
1Mb / 3P
1.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
MBRX0520 ZSELEC-MBRX0520 Datasheet
175Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK14 ZSELEC-SK14 Datasheet
132Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12F ZSELEC-SS12F Datasheet
87Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12W ZSELEC-SS12W Datasheet
85Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com