Electronic Components Datasheet Search
  English  ▼

X  

FP1189 Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # FP1189
Description  쩍-Watt HFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP1189 Datasheet(HTML) 7 Page - WJ Communication. Inc.

Back Button FP1189 Datasheet HTML 3Page - WJ Communication. Inc. FP1189 Datasheet HTML 4Page - WJ Communication. Inc. FP1189 Datasheet HTML 5Page - WJ Communication. Inc. FP1189 Datasheet HTML 6Page - WJ Communication. Inc. FP1189 Datasheet HTML 7Page - WJ Communication. Inc. FP1189 Datasheet HTML 8Page - WJ Communication. Inc. FP1189 Datasheet HTML 9Page - WJ Communication. Inc. FP1189 Datasheet HTML 10Page - WJ Communication. Inc. FP1189 Datasheet HTML 11Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 11
October 2006
FP1189
½-Watt HFET
Product Information
The Communications Edge
TM
Application Circuit: 2110 – 2170 MHz (FP1189-PCB2140S)
The application circuit is matched for output power.
Typical RF Performance
Drain Bias = +8 V, Ids = 125 mA, 25 °°°°C
Frequency
MHz
2110
2140
2170
S21 – Gain
dB
14.7
14.7
14.7
S11 – Input Return Loss
dB
-24
-24
-24
S22 – Output Return Loss
dB
-7.6
-9.0
-9.8
Output P1dB
dBm
+27.1
+27.2
+26.8
Output IP3
(+12 dBm / tone, 1 MHz spacing)
dBm
+39.7
Noise Figure
dB
4.2
4.3
4.2
W-CDMA Channel Power
@ -45 dBc ACPR
dBm
+18.4
RES
R=
ID=
10 Ohm
R2
IND
L=
ID=
18 nH
L1
RES
R =
ID=
100 Ohm
R1
CAP
C=
ID=
22 pF
C1
C AP
C=
ID=
DNP pF
C2
IND
L=
ID=
18 nH
L2
CAP
C=
ID=
DNP pF
C6
CAP
C=
ID=
22 pF
C7
CAP
C=
ID=
1e5 pF
C8
CAP
C=
ID=
22 pF
C9
I ND
L=
ID=
2.7 nH
L3
CAP
C=
ID=
33 pF
C3
CAP
C=
ID=
0.5 pF
C5
CAP
C=
ID=
DNP pF
C4
C AP
C=
ID=
DNP pF
C11
CAP
C=
ID=
1.5 pF
C10
1
2
SUBCKT
NET=
ID=
"FP1189"
Q1
PORT
Z=
P=
50 Ohm
1
PORT
Z=
P=
50 Ohm
2
-Vgg
Vds = 8 V @ 125 mA
14 mil GETEK
TM ML200DSS (ε
r = 4.2)
The main microstrip line has a line impedance of 50
.
Bill of Materials
Ref. Desig.
Value
Part style
Size
C1, C7, C9
22 pF
Chip capacitor
0603
C3
33 pF
Chip capacitor
0805
C5
0.5 pF
Chip capacitor
0603
C8
0.1 µF
Chip capacitor
1206
C10
1.5 pF
Chip capacitor
0603
L1, L2
18 nH
Multilayer chip inductor
0603
L3
2.7 nH
Multilayer chip resistor
0603
R1
100
Chip resistor
0603
R2
10
Chip resistor
0603
Q1
FP1189
WJ 0.5W HFET
SOT-89
C2, C4, C6, C11
Do Not Place



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com