Electronic Components Datasheet Search
  English  ▼

X  

HMJ1 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # HMJ1
Description  High Dynamic Range FET Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

HMJ1 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  HMJ1 Datasheet HTML 1Page - WJ Communication. Inc. HMJ1 Datasheet HTML 2Page - WJ Communication. Inc. HMJ1 Datasheet HTML 3Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
February 2004
Performance Charts
IIP3 vs RF Frequency
Conversion Loss vs RF Frequency
Isolation vs LO Frequency
RF Return Loss vs RF Frequency
LO Return Loss vs LO Frequency
IF Return Loss vs IF Frequency
800
850
900
950
1000
RF Frequency (MHz)
800
850
900
950
1000
5.0
7.5
10.0
12.5
15.0
RF Frequency (MHz)
IF = 20 MHz
IF = 100 MHz
700
740
780
820
860
900
940
980
LO Frequency (MHz)
L-R
L-I
Isolation vs RF Frequency
R-I
800
850
900
950
1000
30
20
10
0
RF Frequency (MHz)
800
850
900
950
1000
RF Frequency (MHz)
0
5
10
15
20
700
740
780
820
860
900
940
980
LO Frequency (MHz)
0
5
10
15
20
20
40
60
80
100
IF Frequency (MHz)
50
45
40
35
30
IF = 100 MHz
IF = 70 MHz
IF = 20 MHz
IF = 70 MHz
50
40
30
20
10
0
0
5
10
15
20
25
Specifications and information are subject to change without notice.
HMJ1
High Dynamic Range FET Mixer
Product Information
The Communications Edge™



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com