Electronic Components Datasheet Search
  English  ▼

X  

SCG015 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # SCG015
Description  쩌 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

SCG015 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  SCG015_06 Datasheet HTML 1Page - WJ Communication. Inc. SCG015_06 Datasheet HTML 2Page - WJ Communication. Inc. SCG015_06 Datasheet HTML 3Page - WJ Communication. Inc. SCG015_06 Datasheet HTML 4Page - WJ Communication. Inc. SCG015_06 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 5
October 2006
SCG015
¼ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
Typical Device Data
S-parameters (Vdevice = +5V, Icc = 100 mA, 25 °C, unmatched 50 ohm system)
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
Frequency (GHz)
Gain / Maximum Stable Gain
10
15
20
25
30
DB(|S[2,1]|)
DB(GMax)
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S11
Swp Max
2.50123GHz
Swp Min
1.79083GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
Swp Max
2.50123GHz
Swp Min
1.79083GHz
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in blue color. For a tuned circuit for a particular frequency, it is expected that
actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the dashed red line.
The impedance plots are shown from 1800 – 2500 MHz, with markers placed at 1.8 – 2.5 GHz in 0.05 GHz increments.
S-Parameters (Vdevice = +5 V, Icc = 100 mA, T = 25° C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
1800
-6.70
80.76
15.90
24.47
-28.55
-25.74
-5.34
156.39
1900
-7.55
68.30
15.77
16.51
-28.96
-32.29
-4.96
156.21
2000
-8.60
53.47
15.66
7.76
-30.14
-38.84
-4.56
155.58
2100
-9.85
35.06
15.53
-1.19
-31.49
-45.79
-4.12
155.07
2200
-11.07
10.07
15.40
-10.90
-33.04
-59.63
-3.67
153.49
2300
-11.69
-21.71
15.08
-20.90
-36.28
-78.21
-3.20
150.85
2400
-10.87
-56.13
14.67
-31.83
-40.69
-106.46
-2.80
147.22
2500
-9.15
-86.03
14.14
-43.53
-42.21
163.73
-2.44
142.35
Device S-parameters are available for download off of the website at: http://www.wj.com
Application Circuit PC Board Layout
Circuit Board Material: .014” Getek, 4 - layer, 1 oz copper, Microstrip line details: width = .026”, spacing = .026”
The silk screen markers ‘A’, ‘B’, ‘C’, etc. and ‘1’, ‘2’, ‘3’, etc. are used as placemarkers for the input and output tuning shunt
capacitors. The markers and vias are spaced in .050” increments.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com