Electronic Components Datasheet Search
  English  ▼

X  

VG111 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # VG111
Description  PCS/UMTS-band Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG111 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  VG111 Datasheet HTML 1Page - WJ Communication. Inc. VG111 Datasheet HTML 2Page - WJ Communication. Inc. VG111 Datasheet HTML 3Page - WJ Communication. Inc. VG111 Datasheet HTML 4Page - WJ Communication. Inc. VG111 Datasheet HTML 5Page - WJ Communication. Inc. VG111 Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 6
January 2007
VG111
PCS/UMTS-band Variable Gain Amplifier
VG111-PCB1900 Application Circuit Performance (cont’d)
S21 vs. Frequency
Vctrl=0V (Minimum attenuation)
10
11
12
13
14
15
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-40°C
+25°C
+85°C
S11 vs. Frequency
Vctrl=0V (Minimum attenuation)
-20
-15
-10
-5
0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-40°C
+25°C
+85°C
S22 vs. Frequency
Vctrl=0V (Minimum attenuation)
-20
-15
-10
-5
0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-40°C
+25°C
+85°C
S21 vs. Frequency vs. Attenuation Setting
-20
-10
0
10
20
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
0 dB Atten
5 dB Atten
10 dB Atten
15 dB Atten
20 dB Atten
25 dB Atten
S11 vs. Frequency vs. Attenuation Setting
-30
-25
-20
-15
-10
-5
0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
0 dB Atten
5 dB Atten
10 dB Atten
15 dB Atten
20 dB Atten
25 dB Atten
S22 vs. Frequency vs. Attenuation Setting
-30
-25
-20
-15
-10
-5
0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
0 dB Atten
5 dB Atten
10 dB Atten
15 dB Atten
20 dB Atten
25 dB Atten
P1dB vs. Frequency
Vctrl=0V (Minimum attenuation)
16
18
20
22
24
26
1880
1920
1960
2000
Frequency (MHz)
-40°C
+25°C
+85°C
Noise Figure vs. Frequency
Vctrl=0V (Minimum attenuation)
0
2
4
6
8
10
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com