Electronic Components Datasheet Search
  English  ▼

X  

NE33284AS Datasheet(PDF) 5 Page - NEC

Part # NE33284AS
Description  SUPER LOW NOISE HJ FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE33284AS Datasheet(HTML) 5 Page - NEC

  NE33284AS Datasheet HTML 1Page - NEC NE33284AS Datasheet HTML 2Page - NEC NE33284AS Datasheet HTML 3Page - NEC NE33284AS Datasheet HTML 4Page - NEC NE33284AS Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NE33284A
NE33284A LINEAR MODEL
Parameters
2 V, 10 mA
2 V, 20 mA
2 V, 30 mA
g
73 mS
97 mS
104 mS
t
5 pSec
5 pSec
5.5 pSec
RDS
210 ohms
156 ohms
140 ohms
MODEL RANGE
Frequency:
0.1 to 20 GHz
Bias:
VDS = 2 V, ID = 10, 20, 30 mA
Date:
7/2/96
Parameter
Units
capacitance
picofarads
inductance
nanohenries
resistance
ohms
conductance
millisiemans
UNITS
SCHEMATIC
BIAS DEPENDENT MODEL PARAMETERS
0.001
CGD_PKG
CHIP
RG
LG
CCD_PKG
CCD_PKG
CCD_PKG
LG_PKG
RG_PKG
GATE
RD
RDS
g
t
f=281GHz
RS_PKG
0.2
LS_PKG
0.12
RS
0.19
CDS
LD
LD_PKG
CCD_PKG
0.3
0.13
0.24
0.05
0.2
0.1
0.01
CSD_PKG
SOURCE
RD_PKG
DRAIN
CDG
CDC
CGS
GGS
1e_5
RI
0.52
0.04
0.22
0.05
0.14
0.01
CSG_PKG
0.16
0.5
0.5
0.28
CCG_PKG
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -8/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com