Electronic Components Datasheet Search
  English  ▼

X  

IRF7240 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7240
Description  P-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7240 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7240 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7240 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7240 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7240 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7240 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7240 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7240 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7240 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7240 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The SOP-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infrared, or wave soldering technique
s.
Description
Ultra Low On-Resistance
Surface Mount
Lead-Free
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
Parameter
Max.
Units
VDS
Drain- Source Voltage
-40
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-10.5
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-8.6
A
IDM
Pulsed Drain Current

-43
PD @TA = 25°C
Power Dissipation
ƒ
2.5
PD @TA = 70°C
Power Dissipation
ƒ
1.6
Linear Derating Factor
20
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Features
VDS (V) = -40V
ID = -10.5 A
RDS(ON)
16m
(VGS = -10V)
RDS(ON)
27m (VGS = -4.5V)
SOP-8
IRF7240
Rev:2023A2
1
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
P-Channel MOSFET


Similar Part No. - IRF7240

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7240 IRF-IRF7240 Datasheet
229Kb / 9P
HEXFET Power MOSFET
IRF7240PBF IRF-IRF7240PBF Datasheet
121Kb / 9P
HEXFET Power MOSFET
IRF7240PBF IRF-IRF7240PBF Datasheet
126Kb / 9P
Ultra Low On-Resistance
IRF7240PBF IRF-IRF7240PBF Datasheet
126Kb / 9P
Ultra Low On-Resistance
IRF7240PBF IRF-IRF7240PBF_15 Datasheet
126Kb / 9P
Ultra Low On-Resistance
More results

Similar Description - IRF7240

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com