Electronic Components Datasheet Search
  English  ▼

X  

IRF7304 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7304
Description  Dual P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7304 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7304 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7304 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7304 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7304 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7304 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7304 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7304 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7304 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
90
V
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
-0.012
V/°C Reference to 25°C, I D = -1mA
GS = -4.5V, ID = -2.2A ƒ
1
1
40
VGS = -2.7V, ID = -1.8A ƒ
VGS(th)
Gate Threshold Voltage
-0.70
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
4.0
S
VDS = -16V, ID = -2.2A
-1.0
VDS = -16V, VGS = 0V
-25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
-100
VGS = -12V
Gate-to-Source Reverse Leakage
100
VGS = 12V
Qg
Total Gate Charge
22
ID = -2.2A
Qgs
Gate-to-Source Charge
3.3
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
9.0
VGS = -4.5V, See Fig. 6 and 12 ƒ
td(on)
Turn-On Delay Time
8.4
VDD = -10V
tr
Rise Time
26
ID = -2.2A
td(off)
Turn-Off Delay Time
51
RG = 6.0Ω
t
Fall Time
33
R = 4.5Ω, See Fig. 10 ƒ
f
D
Between lead tip
and center of die contact
Ciss
Input Capacitance
610
VGS = 0V
Coss
Output Capacitance
310
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
170
ƒ = 1.0MHz, See Fig. 5
Notes:
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
-1.0
V
TJ = 25°C, IS = -1.8A, VGS = 0V ƒ
trr
Reverse Recovery Time
56
84
ns
TJ = 25°C, IF = -2.2A
Qrr
Reverse RecoveryCharge
71
110
nC
di/dt = 100A/µs ƒ
ton
Forward Turn-On Time
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ -2.2A, di/dt ≤− 50A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
-17
-2.5
A
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
6.0
LD
Internal Drain Inductance
4.0
nH
ns
nA
µA
Ω
RDS(ON)
Static Drain-to-Source On-Resistance
S
D
G
S
D
G
Rev:2023A2
2
IRF7304
Dual P-Channel MOSFET
m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com