Electronic Components Datasheet Search
  English  ▼

X  

IRF7341 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7341
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7341 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7341 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7341 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The SOP-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in a
typical PCB mount application.
Description
l Generation V Technology
l Ultra Low On-Resistance
l Dual N-Channel Mosfet
l Surface Mount
l Dynamic dv/dt Rating
l Fast Switching
l Lead-Free
Parameter
Max.
Units
VDS
Drain- Source Voltage
55
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
4.7
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
3.8
A
IDM
Pulsed Drain Current

38
PD @TC = 25°C
Power Dissipation
2.0
PD @TC = 70°C
Power Dissipation
1.3
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µs
30
V
EAS
Single Pulse Avalanche Energy
‚
72
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
…
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
D1
D1
D2
D2
G1
S2
G2
S1
8
1
2
3
4
5
6
7
ID= 4.7A (VGS=10V)
l
Features
VDS (V) = 55V
RDS(ON)
30m
(VGS = 10V)
l
RDS(ON)
45m
(VGS = 4.5V)
l
l
IRF7341
Rev:2023A2
1
SOP-8


Similar Part No. - IRF7341

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7341 IRF-IRF7341 Datasheet
134Kb / 7P
HEXFET Power MOSFET
logo
Guangdong Youtai Semico...
IRF7341 UMW-IRF7341 Datasheet
379Kb / 7P
Generation V Technology
logo
International Rectifier
IRF7341GPBF IRF-IRF7341GPBF Datasheet
205Kb / 9P
HEXFET짰 Power MOSFET
IRF7341GTRPbF IRF-IRF7341GTRPbF Datasheet
205Kb / 9P
HEXFET짰 Power MOSFET
IRF7341IPBF IRF-IRF7341IPBF Datasheet
138Kb / 7P
HEXFET Power MOSFET
More results

Similar Description - IRF7341

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com