Electronic Components Datasheet Search
  English  ▼

X  

IRF7406 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7406
Description  P-Channel 30 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7406 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7406 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7406 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7406 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7406 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7406 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7406 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7406 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7406 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30 ––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.020 –––
V/°C Reference to 25°C, ID = -1mA
––– –––
45
VGS = -10V, ID = -2.8A ƒ
––– –––
70
VGS = -4.5V, ID = -2.4A ƒ
VGS(th)
Gate Threshold Voltage
-1.0 ––– –––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
3.1 ––– –––
S
VDS = -15V, ID = -2.8A
––– ––– -1.0
VDS = -24V, VGS = 0V
––– ––– -25
VDS = -24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -20V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 20V
Qg
Total Gate Charge
––– –––
59
ID = -2.8A
Qgs
Gate-to-Source Charge
––– ––– 5.7
nC
VDS = -2.4V
Qgd
Gate-to-Drain ("Miller") Charge
––– –––
21
VGS = -10V, See Fig. 6 and 12 ƒ
td(on)
Turn-On Delay Time
–––
16
–––
VDD = -15V
tr
Rise Time
–––
33
–––
ID = -2.8A
td(off)
Turn-Off Delay Time
–––
45
–––
RG = 6.0Ω
tf
Fall Time
–––
47
–––
RD = 5.3Ω, See Fig. 10 ƒ
Between lead tip
and center of die contact
Ciss
Input Capacitance
––– 1100 –––
VGS = 0V
Coss
Output Capacitance
––– 490 –––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
––– 220 –––
ƒ = 1.0MHz, See Fig. 5
Notes:
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.0
V
TJ = 25°C, IS = -2.0A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
42
63
ns
TJ = 25°C, IF = -2.8A
Qrr
Reverse Recovery Charge
–––
64
96
nC
di/dt = 100A/µs ƒ
ton
Forward Turn-On Time
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ -2.8A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS
TJ ≤ 150°C
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
––– –––
-23
––– ––– -3.1
A
IGSS
IDSS
Drain-to-Source Leakage Current
LS
Internal Source Inductance
––– 4.0
–––
LD
Internal Drain Inductance
––– 2.5
–––
nH
ns
nA
µA
Ω
RDS(ON)
Static Drain-to-Source On-Resistance
S
D
G
S
D
G
„ Surface mounted on FR-4 board, t ≤ 10sec.
Rev:2023A2
2
IRF7406
P-Channel 30 V (D-S) MOSFET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com