Electronic Components Datasheet Search
  English  ▼

X  

WJM3000 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # WJM3000
Description  Next Generation RFID Reader Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

WJM3000 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  WJM3000 Datasheet HTML 1Page - WJ Communication. Inc. WJM3000 Datasheet HTML 2Page - WJ Communication. Inc. WJM3000 Datasheet HTML 3Page - WJ Communication. Inc. WJM3000 Datasheet HTML 4Page - WJ Communication. Inc. WJM3000 Datasheet HTML 5Page - WJ Communication. Inc. WJM3000 Datasheet HTML 6Page - WJ Communication. Inc. WJM3000 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Interface Connector Pin out
Copyright WJ Communications 2007. Subject to change without notice.
All trademarks, trade names, service marks, and logos remain the property of the rightful owners
WJM3000G
Next Generation RFID Reader Module
Based on WJC200 Gen2 RFID reader chipset
Pin #
Name
Description
1, 2
+5.0 V
Power Supply. +5.0V @ 1.3 A
3,4
GND
Power Supply Ground Return
5
N/C
No Connect
6
WJM_EN
Active High Power Enable. Grounding this pin shuts off entire module. Minimum logic
high voltage is +2.5V. 5V tolerant. Low impedance driver or a pull up resistor less than
2K required.
7
TX
3.3V CMOS logic-level UART transmit pin
8
RX
5V tolerant CMOS logic-level UART receive pin
9
nRESET
5V tolerant Active Low Reset Pin. 10K internal pull up, interface with open collector
driver. When held low, WJM draws current but will not respond to commands. If nBL/
nPD is held low as nRESET is brought high, the WJM enters Bootloader mode. If nBL/
nPD is held high as nRESET is brought high, the WJM application starts. This pin can
be left unconnected for minimal hardware configuration. A reset controller may be re-
quired if power supply rise time is slow.
10
nBL/nPD
5V tolerant Active Low Bootloader/PowerDown pin. 10K internal pull up, interface with
open collector driver. This pin serves two functions.
1) If this pin is low at the rising edge of nRESET (including power-on), the Boot-
loader is activated for writing a new Firmware application (FW). If it is high, FW
starts.
2) Once FW starts, bringing this pin low enables sleep mode. The module will not
respond to API commands in sleep mode. Keep it high for normal operation.
This pin can be left unconnected for minimal hardware configuration.
11
STATUS_LED
3.3V logic-level 3-state output:
Logic high: OK
Tri-State: Sleep Mode
Logic low: Error
12
GPIO1
Currently FW configures these pins as outputs, they display various debug and status
signals to LEDs. If unused they can be left un-connected.
13
GPIO2
14
GPIO3
15
GPIO4
WJ Communications
www.wj.com
04/03/2007



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com