Electronic Components Datasheet Search
  English  ▼

X  

K30 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # K30
Description  Pro Touch Button
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K30 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  K30 Datasheet HTML 1Page - Banner Engineering Corp. K30 Datasheet HTML 2Page - Banner Engineering Corp. K30 Datasheet HTML 3Page - Banner Engineering Corp. K30 Datasheet HTML 4Page - Banner Engineering Corp. K30 Datasheet HTML 5Page - Banner Engineering Corp. K30 Datasheet HTML 6Page - Banner Engineering Corp. K30 Datasheet HTML 7Page - Banner Engineering Corp. K30 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
December 18, 2023
page 2
K30 Pro Touch Button Datasheet
Wiring Diagrams
GRY3 Models
NPN
PNP
Key
12-30V dc
–
+
1
3
2
4
5
Load
1
2
12-30V dc
–
+
1
3
2
4
5
Load
1
2
Pin 1 = Brown
Pin 2 = White
Pin 3 = Blue
Pin 4 = Black
Pin 5 = Gray
Touch toggles output
GRY3 Multicolor Color/Function Definition
Green
Yellow
Red
Input 1
X
X
Input 2
X
X
RGB7 Models
NPN
PNP
Key
2
7
–
+
1
3
4
8
1
2
3
Load
12-30V dc
2
7
–
+
1
3
4
8
1
2
3
Load
12-30V dc
Pin 1 = White
Pin 2 = Brown
Pin 3 = Green
Pin 4 = Yellow
Pin 5 = Not used
Pin 6 = Not used
Pin 7 = Blue
Pin 8 = Red
Touch toggles output
RGB Multicolor Color/Function Definition
Red
Yellow
Green
Cyan
Blue
Magenta
White
Input 1
X
X
X
X
Input 2
X
X
X
X
Input 3
X
X
X
X
Specifications
Supply Voltage
12 V DC to 30 V DC
Supply Current
80 mA maximum current at 12 V DC (exclusive of load)
40 mA typical current at 24 V DC (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Leakage Current Immunity
400 µA
Output Rating
Maximum load: 100 mA
ON-state saturation voltage: < 2 V DC at 10 mA; < 2.5 V DC
at 150 mA
OFF-state leakage current: < 10 µA at 30 V DC
Output Response Time
Power-Up Delay: 500 milliseconds maximum
Input Response: 40 milliseconds maximum
Output Response: 300 milliseconds maximum
Touch Dwell Time
If touch dwells for longer than 60 seconds, the output will
revert to the untouched state
© Banner Engineering Corp. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com