Electronic Components Datasheet Search
  English  ▼

X  

K50 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # K50
Description  EZ-LIGHT® Touch Gen 2 K50 Series Illuminated Multipurpose Buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  K50 Datasheet HTML 1Page - Banner Engineering Corp. K50 Datasheet HTML 2Page - Banner Engineering Corp. K50 Datasheet HTML 3Page - Banner Engineering Corp. K50 Datasheet HTML 4Page - Banner Engineering Corp. K50 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Input Actions
Touch Button Actions
Input #1: Pin 3
Green Wire
Input #2: Pin 8
Red Wire
Input #3: Pin 4
Yellow Wire
LED Color
Output Type
Touch
Output: Pin 1
White Wire
+V dc
+V dc
Open or -Vdc
Color #2 On
N.C.
Not touched
PNP Output On
+V dc
+V dc
+V dc
Color #3 On
Touched
PNP Output Off
Open or -Vdc
+V dc
Open or -Vdc
Color #2 On
Open or -Vdc
+V dc
+V dc
Color #3 On
Open or -Vdc
Open or -Vdc
+V dc
Color #3 On
+V dc
Open or -Vdc
+V dc
Color #3 On
Table 2: NPN Models
Input Actions
Touch Button Actions
Input #1: Pin 3
Green Wire
Input #2: Pin 8
Red Wire
Input #3: Pin 4
Yellow Wire
LED Color
Output Type
Touch
Output: Pin 1
White Wire
Open or +V dc
Open or +V dc
Open or +V dc
Light Off
N.O.
Not touched
NPN Output Off
-Vdc
Open or +V dc
Open or +V dc
Color #1 On
Touched
NPN Output On
-Vdc
-Vdc
Open or +V dc
Color #2 On
N.C.
Not touched
NPN Output On
-Vdc
-Vdc
-Vdc
Color #3 On
Touched
NPN Output Off
Open or +V dc
-Vdc
Open or +V dc
Color #2 On
Open or +V dc
-Vdc
-Vdc
Color #3 On
Open or +V dc
Open or +V dc
-Vdc
Color #3 On
-Vdc
Open or +V dc
-Vdc
Color #3 On
Specifications
Supply Voltage
12 V DC to 30 V DC
Supply Current
< 75 mA max current at 12 V DC (exclusive of load)
< 50 mA max current at 30 V DC (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Connections
Integral 8-pin M12/Euro-style male quick disconnect, 2 m (6.5 ft) integral PVC cable, or
150 mm (6 in) PVC cable with a 8-pin M12/Euro-style male quick disconnect
Mounting
M30 × 1.5 threaded base max. torque 4.5 N·m (40 in·lbf)
Power-Up Delay
300 milliseconds
Output Rating
Maximum load: 150 mA
ON-state saturation voltage: < 2 V DC at 10 mA; < 2.5 V DC at 150 mA
OFF-state leakage current: < 10 µA at 30 V DC
Touch Dwell Time
If touch dwells for longer than 60 seconds, the output reverts to the untouched state
Environmental Rating
IEC IP67, IP69K per DIN 40050-9
Cabled models meet DIN IP69K if the cable is protected from high-pressure spray
Output Response Time
50 milliseconds On and Off
Indicator Lumens
Color
Typical Wavelength
Typical Intensity (lm)
Green
525 nm
29
Red
625 nm
13
Yellow
591 nm
24
Operating Conditions
–40 °C to +50 °C (–40 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Construction
Housing: polycarbonate
Translucent dome: polycarbonate
Mounting nut: PBT
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per IEC 60068-2-6
Shock: 30G 11 ms duration, half sine wave per IEC 60068-2-27
Certifications
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per the
supplied table.
Overcurrent protection may be provided with external fusing or via Current Limiting,
Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
EZ-LIGHT® Touch Gen 2 K50 Series Illuminated Multipurpose Buttons
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 189830 Rev. E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com