Electronic Components Datasheet Search
  English  ▼

X  

PCIE Datasheet(PDF) 1 Page - Samtec, Inc

Part # PCIE
Description  PCI EXPRESS® EDGE CARD SOCKETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

PCIE Datasheet(HTML) 1 Page - Samtec, Inc

  PCIE Datasheet HTML 1Page - Samtec, Inc PCIE Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
• 1.00 mm pitch
• Supports 1, 4, 8 and 16 PCI Express® links
• PCIE® 3.0 Solution (PCIE)
• PCIE® 4.0 Solution with low profile design for space savings (PCIE-LP)
• PCIE® 4.0 with slim body design (PCIE-G4)
• PCIE® 5.0 Solution with differential pair signaling (PCIE-G5)
• Vertical, right-angle and edge mount
• Mates with .062" (1.60 mm) thick cards
• Alignment pin and weld tab options
KEY SPECIFICATIONS
FEATURES & BENEFITS
SERIES
TOTAL PINS
(LANES)
INSULATOR
MATERIAL
CONTACT
MATERIAL
OPERATING
TEMP RANGE
CURRENT
RATING
VOLTAGE
RATING
PCIE®
COMPATIBILITY
PCIE
36 (x1), 64 (x4),
98 (x8), 164 (x16)
-TH = Black Nylon
-EMS2 & -TH = LCP Phosphor Bronze
-55 °C to +125 °C
2.4 A (2 pins)
215 VAC
3.0
PCIE-LP
36 (x1), 64 (x4),
98 (x8), 164 (x16)
LCP
Phosphor Bronze
-55 °C to +125 °C
2.1 A (2 pins)
215 VAC
4.0
PCIE-G4
36 (x1), 64 (x4),
98 (x8), 164 (x16)
LCP
Copper Alloy
-55 °C to +125 °C
2.2 A (2 pins)
300 VAC
4.0
PCIE-G5
36 (x1), 64 (x4),
98 (x8), 164 (x16)
LCP
Copper Alloy
-55 °C to +125 °C
3.2 A (2 pins)
235 VAC
5.0
PCIEXPRESS® EDGECARDSOCKETS
(1.00 mm) .0394" PITCH
8 mm
11 mm
PCIE -LP
PCIE
PCIE® 3.0 & 4.0
Edge Card
connectors
PCIE® 4.0 slim body
socket with Edge Rate®
contacts (PCIE-G4)
F-224
samtec.com/EdgeCard


Similar Part No. - PCIE

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
PCIE-03 VIA-PCIE-03 Datasheet
824Kb / 3P
Mini-ITX Series
logo
Samtec, Inc
PCIE-036-02-F-D-EMS2 SAMTEC-PCIE-036-02-F-D-EMS2 Datasheet
1Mb / 1P
PCI EXPRESS® CARD SOCKETS
PCIE-036-02-F-D-RA SAMTEC-PCIE-036-02-F-D-RA Datasheet
1Mb / 1P
PCI EXPRESS® CARD SOCKETS
PCIE-036-02-F-D-TH SAMTEC-PCIE-036-02-F-D-TH Datasheet
1Mb / 1P
PCI EXPRESS® CARD SOCKETS
PCIE-064-02-F-D-EMS2 SAMTEC-PCIE-064-02-F-D-EMS2 Datasheet
1Mb / 1P
PCI EXPRESS® CARD SOCKETS
More results

Similar Description - PCIE

ManufacturerPart #DatasheetDescription
logo
FCI connector
10061913-101CLF FCI-CONNECTOR-10061913-101CLF Datasheet
632Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10061913 FCI-CONNECTOR-10061913 Datasheet
632Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10018783-10202TLF FCI-CONNECTOR-10018783-10202TLF Datasheet
444Kb / 7P
PCI EXPRESS CARD EDGE ASSY
logo
Kycon, Inc.
KPCIEX KYCON-KPCIEX Datasheet
939Kb / 1P
Straddle Mount PCI Express Card Edge
logo
Renesas Technology Corp
89HPES12N3 RENESAS-89HPES12N3 Datasheet
724Kb / 29P
12-lane 3-Port PCI Express® Switch
April 9, 2010
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
4-Lane 4-Port PCI Express® Switch
June 12, 2014
89HPES6T5 RENESAS-89HPES6T5 Datasheet
470Kb / 29P
6-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES16T4 RENESAS-89HPES16T4 Datasheet
983Kb / 32P
16-Lane 4-Port PCI Express® Switch
March 25, 2008
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
34-Lane 16-Port PCI Express® Switch
October 3, 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com