Electronic Components Datasheet Search
  English  ▼

X  

DFB2426 Datasheet(PDF) 15 Page - Jonard Tools.

Part # DFB2426
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

DFB2426 Datasheet(HTML) 15 Page - Jonard Tools.

Back Button DFB2426 Datasheet HTML 11Page - Jonard Tools. DFB2426 Datasheet HTML 12Page - Jonard Tools. DFB2426 Datasheet HTML 13Page - Jonard Tools. DFB2426 Datasheet HTML 14Page - Jonard Tools. DFB2426 Datasheet HTML 15Page - Jonard Tools. DFB2426 Datasheet HTML 16Page - Jonard Tools. DFB2426 Datasheet HTML 17Page - Jonard Tools. DFB2426 Datasheet HTML 18Page - Jonard Tools. DFB2426 Datasheet HTML 19Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
To switch from wire wrapping to unwrapping takes
only seconds - just a quick change of the cap from
one end to the other.
H
H A
A N
N D
D W
W R
R A
A PP PP II N
N G
G A
A N
N D
D U
U N
N W
W R
R A
A PP PP II N
N G
G TT O
O O
O LL SS
HAND WRAPPING AND
UNWRAPPING TOOLS
H
H A
A N
N D
D W
W R
R A
A PP PP II N
N G
G A
A N
N D
D
U
U N
N W
W R
R A
A PP PP II N
N G
G TT O
O O
O LL SS
These Hand Wrapping and Unwrapping Tools are
carefully designed to produce perfect wire wrapped
connections. Precision, long-lasting tools for use
where occasional wraps are required or where
power wire-wrapping tools are not practical.
Compact and convenient.
15
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
Max.
Terminal
Terminal
Terminal
Terminal
Part
Wire Size
Insulation
Hole
Hole
Outside
Wire Size
Hole
Hole
Outside
Number
Reg Mod
Diameter
Diameter
Depth
Diameter
Diameter
Depth
Diameter
AWG
mm
In. mm
In.
mm
In.
mm
In.
mm AWG
mm
In.
mm
In. mm
In.
mm
HW-UW-18-19
G
18-19 1.00-0.91
-
-
.075
1.90 1.000
25.40 .250
6.35 18-19 1.00-0.91 .075
1.90
1.000 25.40
.187
4.74
HW-UW-20
G
20
0.80
-
-
.075
1.90 1.000
25.40 .218
6.35 20-26 1.00-0.91 .070
1.77
1.000 25.40
.156
3.96
HW-UW-224
G
22-24 0.65-0.50
-
-
.075
1.90 .807
20.50 .218
5.53 20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-224-1
G
22-24 0.65-0.50
-
-
.075
1.90 1.000
25.40 .218
5.53 20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-2426
G
24-26 0.50-0.40
-
-
.075
1.90 .750
19.05 .218
5.53 20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-26
G
26
0.40
-
-
.075
1.90 1.000
25.40 .218
5.53 20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-26SM*
G
26
0.40
.031 0.79
.040
1.02 .750
19.05 .125
3.17 24-32 0.50-0.20 .038
0.96
1.000 25.40
.093
2.36
HW-UW-2829M*
G
28-29 0.32-0.29 .036 0.91
.040
1.02 .750
19.05 .156
3.96 24-32 0.50-0.20 .038
0.96
1.000 25.40
.093
2.36
HW-UW-30*
G
30
0.25
.027 0.69
.036
0.91 .750
19.05 .125
3.17 24-32 0.50-0.20 .038
0.96
1.000 25.40
.093
2.36
WRAPPING S I D E
U N W R A P P I N G S I D E
*These tools are recommended for .025" (0.63mm) square terminals on .100" (2.54mm) centers. A modified wrap provides 1.5 – 2 turns of insulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com