Electronic Components Datasheet Search
  English  ▼

X  

P2224INS Datasheet(PDF) 39 Page - Jonard Tools.

Part # P2224INS
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

P2224INS Datasheet(HTML) 39 Page - Jonard Tools.

Back Button P2224INS Datasheet HTML 35Page - Jonard Tools. P2224INS Datasheet HTML 36Page - Jonard Tools. P2224INS Datasheet HTML 37Page - Jonard Tools. P2224INS Datasheet HTML 38Page - Jonard Tools. P2224INS Datasheet HTML 39Page - Jonard Tools. P2224INS Datasheet HTML 40Page - Jonard Tools. P2224INS Datasheet HTML 41Page - Jonard Tools. P2224INS Datasheet HTML 42Page - Jonard Tools. P2224INS Datasheet HTML 43Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
39
INSULATED TOOLS
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
IIN
NSS--118800
#1 X 3 Phillips Screwdriver
IIN
NSS--22110000 #2 X 4 Phillips Screwdriver
IIN
NSS--33115500 #3 X 6 Phillips Screwdriver
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
IIN
NSS--447755
3/32 X 3 Slotted Screwdriver
IIN
NSS--44110000 1/8 X 4 Slotted Screwdriver
IIN
NSS--66115500 1/4 X 6 Slotted Screwdriver
IIN
NSS--88117755 5/16 X 7 Slotted Screwdriver
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
IIN
NPP--22008822 Long Nose Plier 8 1/4” Long
IIN
NPP--22006655 Long Nose Plier 6 1/2” Long
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
IIN
NPP--11008800 Lineman’s Combo Plier 8” Long
IIN
NPP--11007722 Lineman’s Combo Plier 7 1/4” Long
IIN
NPP--11006655 Lineman’s Combo Plier 6 1/2” Long
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
IIN
NPP--33006622 Diagonal Plier 6 1/4” Long
IIN
NPP--33007722 Diagonal Plier 7 1/4” Long
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
IIN
NPP--44006655 Wire Stripper 6 1/2” Long
Jonard Insulated Tools are manufactured to IEC 60900 Standards for
hazardous work environments. Our tools are tested to 10,000 VAC and
rated for 1,000 VAC live use.
IIN
NSSU
ULLA
ATTEED
D SSC
CR
REEW
WD
DR
RIIV
VEER
RSS--
PPH
HIILLLLIIPPSS H
HEEA
AD
D
IIN
NSSU
ULLA
ATTEED
D SSC
CR
REEW
WD
DR
RIIV
VEER
RSS--
SSLLO
OTTTTEED
D H
HEEA
AD
D
IIN
NSSU
ULLA
ATTEED
D W
WIIR
REE SSTTR
RIIPPPPEER
R
IIN
NSSU
ULLA
ATTEED
D PPLLIIEER
RSS
Care and Use Guide for Insulated Tool
Tools are not recommended for use on energized circuits. Work should only be performed by qualified professionals. Do not use this tool if the
insulation becomes damaged in any way. Tools must be kept clean and dry. Always inspect before use.
Do not touch the uninsulated portion of the tool or any conductive object when either might make contact with an energized source. Always
wear approved eye & clothing protection. Only use tools for their designed purpose and always follow OSHA 1910.333 (c)(2) and NFPA 70E 2004
when doing electrical work. Failure to observe proper safety precautions may result in serious injury or death.
1000V
IEC 60900
TTK
K--111100IIN
NSS
TTK
K--7700IIN
NSS
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
TTK
K--7700IIN
NSS
7 Piece Insulated Screwdriver Set
Screwdriver Set contains:
3 Philips, 4 Slotted as shown below
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
TTK
K--111100IIN
NSS
11 Piece Insulated Tool Kit
Kit contains: 7 Screwdrivers as
shown plus INP-1072, INP-2065,
INP-3062 & INP- 4065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com